Electronic Components Datasheet Search
  English  ▼

X  

HMP76 Datasheet(PDF) 1 Page - Vaisala

Part # HMP76
Description  Handheld Humidity and Temperature Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP76 Datasheet(HTML) 1 Page - Vaisala

  HMP76 Datasheet HTML 1Page - Vaisala HMP76 Datasheet HTML 2Page - Vaisala HMP76 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HM70 Handheld Humidity and
Temperature Meter
For spot-checking and field calibration
Features
• Designed for spot-checking and
field calibration
• Multilingual user interface
• Shows measurement trends
graphically
• Proven Vaisala HUMICAPâ sensor
technology
• 3 probe alternatives, temperature
measurement range
−70 … +180 °C (−94 … +356 °F)
• 2 probes: also dew point and CO2
probes can be connected
simultaneously
• Displays various humidity
parameters
• Sensor preheat and chemical
purge options for demanding
conditions
• Data can be logged and
transferred to a PC via MI70 Link
software
• 6-point traceable calibration
(certificate included)
Vaisala HUMICAPâ Handheld Humidity and Temperature Meter HM70 is designed for
demanding humidity measurements in spot-checking applications. It is also ideal as
an on-site calibrator for Vaisala's fixed humidity instruments.
Vaisala HUMICAPâ technology
HM70 incorporates the world-class
HUMICAPâ sensor, one of the most
reliable and stable sensors on the
market. The HUMICAPâ sensor copes
well with chemical interference and
provides accuracy that lasts in
demanding conditions.
Chemical purge
The chemical purge option maintains
measurement accuracy in environments
with high concentrations of chemicals.
The sensor preheat option reduces
measurement delays as it keeps the
sensor dry when the probe is inserted
into hot and humid processes.
Three probes to choose from
HMP75 is a general purpose probe,
whereas HMP76 is a long, stainless steel
probe especially suitable for spot-
checking in ducts. HMP77 is a small
probe at the end of a 5-meter cable. The
probe is ideal for difficult-to-reach areas
and for on-site calibration of Vaisala's
process transmitters. In addition, HM70
supports the use of Vaisala's dew point,
carbon dioxide, and moisture in oil
probes, allowing measurements in
several multiparameter applications.
MI70 Link Windowsâ software
The optional Vaisala MI70 Link Windowsâ
software and the USB connection cable
form a practical tool for transferring
logged data from HM70 to a PC.
On-site calibration with HM70
Handheld Meter


Similar Part No. - HMP76

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
More results

Similar Description - HMP76

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
Extech Instruments Corp...
45170 EXTECH-45170 Datasheet
106Kb / 6P
4-in-1 Humidity, Temperature Airflow and Light Meter
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Keysight Technologies
U1701B KEYSIGHT-U1701B Datasheet
200Kb / 6P
U1701B Handheld Capacitance Meter
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Vaisala
HM40 VAISALA-HM40 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
MM70 VAISALA-MM70 Datasheet
1Mb / 3P
MM70 Handheld Moisture and Temperature Meter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com