Electronic Components Datasheet Search
  English  ▼

X  

HMP113 Datasheet(PDF) 3 Page - Vaisala

Part # HMP113
Description  Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP113 Datasheet(HTML) 3 Page - Vaisala

  HMP113 Datasheet HTML 1Page - Vaisala HMP113 Datasheet HTML 2Page - Vaisala HMP113 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Spare parts and accessories
Sensors
Vaisala HUMICAPâ 180R
HUMICAP180R
Vaisala HUMICAPâ 180V
HUMICAP180V
Sensor protection
Plastic grid filter
DRW240185SP
Plastic grid with membrane filter
ASM210856SP
Stainless steel sintered filter
HM47280SP
Porous PTFE filter
219452SP
Probe installation
Probe mounting clamp set, 10 pcs
226067
Probe mounting flange
226061
Probe holder, 5 pcs
ASM213382SP
Plastic locking bushing (3 pcs) for
attaching probe to HM40
DRW238590SP
Connection adapters 1)
4–20 mA loop power converter
UI-CONVERTER-1CB
Mounting bracket for converter
225979
USB cable for PC connection
219690
Connection cable for Indigo80
handheld indicator
262195SP
Connection cable for MI70 indicator
219980SP
Connection cables with open wires
+60 °C 0.3 m (+140 °F 1 ft)
HMP50Z032SP
+60 °C 1.2 m (+140 °F 4 ft)
HMP50Z120
+60 °C 3 m (+140 °F 9.8 ft)
HMP50Z300SP
+80 °C 1.5 m (+176 °F 5 ft)
225777SP
+80 °C 3 m (+176 °F 10 ft)
225229SP
+180 °C 1.5 m (+356 °F 5 ft) FEP
238025
+180 °C 3 m (+356 °F 10 ft) FEP
226902SP
1)
No separate adapter is needed for HM40 compatibility.
79.5 (3.1)
24.5 (0.96)
3.5
68 (2.7)
(0.14)
Dimensions in mm (inches)
Published by Vaisala | B211251EN-H © Vaisala 2023
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.
www.vaisala.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com