Electronic Components Datasheet Search
  English  ▼

X  

HMP113 Datasheet(PDF) 1 Page - Vaisala

Part # HMP113
Description  Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP113 Datasheet(HTML) 1 Page - Vaisala

  HMP113 Datasheet HTML 1Page - Vaisala HMP113 Datasheet HTML 2Page - Vaisala HMP113 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HMP113 Humidity and Temperature
Probe
Features
• Fast thermal response time
• Low power consumption
• Start-up time < 2 s
• Measurement range: 0–100 %RH;
−40 ... +60 °C (−40 ... +140 °F)
• Detachable cable with standard
4-pin M8 connector
• Plastic enclosure with IP54
classification
• Proven Vaisala HUMICAPâ 180R
sensor for excellent stability
• Compatible with Vaisala Insight
PC software and Vaisala Indigo80
Handheld Indicator
• Optional RS-485 digital output
supports Modbusâ RTU
• Optional dew point, wet bulb
temperature, absolute humidity,
mixing ratio, and enthalpy output
• Comes with calibration certificate:
±1.5 %RH measurement accuracy
(0–90 %RH)
Vaisala HUMICAPâ Humidity and Temperature Probe HMP113 is a highly accurate and
cost-effective humidity probe with plastic enclosure. It is designed for indoor
environments, integration into other manufacturers’ equipment, or use with Vaisala
HUMICAPâ Handheld Humidity and Temperature Meter HM40.
Easy installation
The compact probe fits into tight spaces.
The cable has a threaded M8 connector
for easy installation. Different cable
lengths and a selection of accessories are
available.
Low power consumption
HMP113 is suitable for battery powered
applications due to its very low power
consumption. It also has an extremely
fast start-up time.
Several outputs
Temperature measurement is a standard
feature in HMP113, with dew point
temperature, wet bulb temperature,
absolute humidity, mixing ratio, and
enthalpy as optional calculated
parameters. Four voltage output ranges
are available. An optional RS-485 output
with Modbus support is also available.
Flexible connectivity
In addition to analog and digital
(Modbus) output options, the probe can
also be used with Vaisala Indigo80
handheld indicator. For easy-to-use
access to configuration and device
analytics functionalities, the probe can
be connected to Vaisala Insight software
for Windowsâ. For more information, see
www.vaisala.com/insight and
www.vaisala.com/indigo80.
High performance
HMP113 has a PC/ABS plastic enclosure
and is suitable for noncondensing
environments with fast temperature
changes and a need for high-accuracy
measurements with traceability. HMP113
also has a high chemical tolerance thanks
to the proven Vaisala HUMICAPâ 180R
sensor.
Variety of calibration options
A quick field calibration can easily be
carried out using a handheld device, for
example the Indigo80 handheld indicator
or the HM40 handheld meter.
Alternatively, the probe can be calibrated
using a PC with USB cable or sent to a
Vaisala Service Center.


Similar Part No. - HMP113

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
logo
Hynix Semiconductor
HMP112F7EFR8C-S5 HYNIX-HMP112F7EFR8C-S5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-S6D3 HYNIX-HMP112F7EFR8C-S6D3 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-S6D5 HYNIX-HMP112F7EFR8C-S6D5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5 HYNIX-HMP112F7EFR8C-Y5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HMP113

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
HMP3 VAISALA-HMP3 Datasheet
597Kb / 3P
General Purpose Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
HMP9 VAISALA-HMP9 Datasheet
599Kb / 3P
Compact Humidity and Temperature Probe
HMP155 VAISALA-HMP155 Datasheet
369Kb / 2P
HUMICAPâ Humidity and Temperature Probe HMP155
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com