Electronic Components Datasheet Search
  English  ▼

X  

TA13 Datasheet(PDF) 7 Page - TiMOTION Technology Co. Ltd.

Part # TA13
Description  Max. load 10,000N (push); 5,500N (pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA13 Datasheet(HTML) 7 Page - TiMOTION Technology Co. Ltd.

  TA13 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
TA13 Ordering Key Appendix
1 = Iron CNC, U clevis, slot 8.2,
depth 17, hole 10.2, with plastic
T-bushing
2 = Iron CNC, U clevis, slot 8.2, depth
17, hole 12.2
3 = Iron CNC, U clevis, slot 10.2,
depth 17, hole 10.2, with plastic
T-bushing
4 = Iron CNC, U clevis, slot 10.2,
depth 17, hole 12.2
1 = Iron CNC, U clevis, slot 8.2,
depth 17, hole 10.2, with plastic
T-bushing
2 = Iron CNC, U clevis, slot 8.2,
depth 17, hole 12.2
C = Punched hole on inner tube +
plastic cap, width 32, without
slot, hole 12.2
3 = Iron CNC, U clevis, slot 10.2,
depth 17, hole 10.2, with plastic
T-bushing
J = Aluminum casting, without slot,
hole 10.2, for dental chair
4 = Iron CNC, U clevis, slot 10.2,
depth 17, hole 12.2
B = Punched hole on inner tube +
plastic cap, width 32, without
slot, hole 10.2
Rear Attachment (mm)
Front Attachment (mm)
17
ø10.2
17
ø12.2
17
ø10.2
17
ø12.2
17
ø10.2
17
ø12.2
17
ø10.2
17
ø12.2
ø10.2
ø12.2
ø10.2
1 = 0°
3 = 90°
Direction of Rear Attachment (Counterclockwise)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com