Electronic Components Datasheet Search
  English  ▼

X  

TA13 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA13
Description  Max. load 10,000N (push); 5,500N (pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA13 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA13 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Product Segments
• Care Motion
TA13
series
TiMOTION’s TA13 series linear actuator is designed primarily for dental chairs
requiring high-push load solutions, but can also be applied to a wide range of
other medical applications. The TA13 supports load ratings up to 10000N. Its
speed is up to 32.2mm/s even under the load of 1500N. Certificates for the
TA13 include IEC60601-1 and ES60601-1.
General Features
Max. load
10,000N (push); 5,500N (pull)
Max. speed at max. load
4.5mm/s
Max. speed at no load
49.4mm/s
Retracted length
≥ Stroke + 185mm
Certificate
IEC60601-1, ES60601-1, EMC
Stroke
25~1000mm
Options
Hall sensors, Reed sensor, push only
Voltage
24/36V DC, PTC or thermal protector
Color
Black or grey
Operational temperature range
+5°C~+45°C
at full performance
Suitable for dentist chair application


Similar Part No. - TA13

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA130-155-49-32 TRANSCOM-TA130-155-49-32 Datasheet
30Kb / 1P
13 - 15.5 GHz 2W Amplifiers
logo
TAI-SAW TECHNOLOGY CO.,...
TA1300A TAI-SAW-TA1300A Datasheet
481Kb / 6P
SAW Filter 832 MHz
logo
Transko Electronics, In...
TA1300BP TRANSKO-TA1300BP Datasheet
403Kb / 4P
Wireless, RF SAW Filter
Revision 0: July 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1301A TAI-SAW-TA1301A Datasheet
480Kb / 6P
SAW Filter 850 MHz
TA1302A TAI-SAW-TA1302A Datasheet
372Kb / 6P
SAW Filter 674 MHz
More results

Similar Description - TA13

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA15 TIMOTION-TA15 Datasheet
833Kb / 7P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA21 TIMOTION-TA21 Datasheet
629Kb / 4P
Max. load 10,000N (push); 6,000N (pull)
20231005-I
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com