Electronic Components Datasheet Search
  English  ▼

X  

TA2 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # TA2
Description  Max. load 1,000N (push/pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  TA2 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Motor Speed (6000RPM, duty cycle 25%)
Performance Data (24V DC)
200
400
600
800
1000
10.0
0.0
20.0
30.0
40.0
60.0
50.0
80.0
70.0
F
G
H
K
L
Speed vs. Load
Load (N)
0.0
0
200
400
600
800
1000
1.0
2.0
3.0
4.0
5.0
6.0
F
G
H
K
L
Current vs. Load
Load (N)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com