Electronic Components Datasheet Search
  English  ▼

X  

TA2 Datasheet(PDF) 6 Page - TiMOTION Technology Co. Ltd.

Part # TA2
Description  Max. load 1,000N (push/pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2 Datasheet(HTML) 6 Page - TiMOTION Technology Co. Ltd.

Back Button TA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
TA2 Ordering Key
TA2
Version: 20230814-V
Load and Speed
Voltage
Cable Length (mm)
Output Signal
IP Rating
Connector
See page 10
Direction of
Rear Attachment
(Counterclockwise)
See page 9
1 = 12V DC
2 = 24V DC
3 = 36V DC
4 = 48V DC
5 = 24V DC, PTC
6 = 12V DC, PTC
7 = 36V DC, PTC
8 = 48V DC, PTC
1 = Straight, 300
2 = Straight, 600
3 = Straight, 1000
0 = Without
1 = Mechanical pot.
3 = Embedded reed switch
8 = Adjustable Reed switch*1
9 = Adjustable Reed switch*2
N = NPN Hall sensor*2
1 = Without
2 = IP54
3 = IP66
6 = IP66M
1 = DIN 6P, 90° plug
2 = Tinned leads
1 = 90°
2 = 0°
Stroke (mm)
Retracted Length
(mm)
Functions for
Limit Switches
1 = Two micro switches cut off the actuator at end of stroke (EOS)
2 = Two micro switches cut off the actuator at end of stroke + in-between third one sends signal
3 = Two micro switches send signal at end of stroke
4 = Two micro switches send signal at end of stroke + in-between third one sends signal
See page 3
See page 3
See page 7
Rear Attachment
(mm)
See page 8
Front Attachment
(mm)
See page 9
1 = Aluminum, slotless, hole 6.4, one piece casting with
gearbox
2 = Aluminum, slotless, hole 8.0, one piece casting with
gearbox
3 = Aluminum, slotless, hole 10.0, one piece casting with
gearbox
4 = Aluminum, U clevis, slot 6.0, depth 10.5, hole 6.4,
one piece casting with gearbox
5 = Aluminum, U clevis, slot 6.0, depth 10.5, hole 8.0,
one piece casting with gearbox
6 = Aluminum, U clevis, slot 6.0, depth 10.5, hole 10.0,
one piece casting with gearbox
1 = Aluminum, slotless, hole 6.4
2 = Aluminum, slotless, hole 8.0
3 = Aluminum, U clevis, slot 6.0, depth 16.0, hole 10.0
4 = Aluminum, U clevis, slot 6.0, depth 16.0, hole 6.4
5 = Aluminum, U clevis, slot 6.0, depth 16.0, hole 8.0
6 = Aluminum, slotless, hole 10.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com