Electronic Components Datasheet Search
  English  ▼

X  

TA49 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # TA49
Description  Max. load 6,000N (push), 2,000N (pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA49 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  TA49 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
TA49 Ordering Key
TA49
Version: 20230818-D
Load and Speed
See page 2
See page 2
See page 6
Voltage
IP Rating
Color
Output Signal
Connector
See page 8
Special Functions
for Spindle Sub-
Assembly
Cable Length (mm)
2 = 24V DC
5 = 24V DC, PTC
1 = Without
2 = IP54
3 = IP66
5 = IP66W
2 = Pantone 428C
0 = Without
2 = Hall sensor * 2
1 = DIN 6P, 90° plug
2 = Tinned leads
4 = Big 01P, plug
C = Y cable (direct cut,
water proof, anti-pull)
E = Molex 8P, plug
F = DIN 6P, 180° plug
G = Audio plug
0 = Without (Standard)
1 = Safety nut
0 = Straight, 100
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 2000
7 = Curly, 200
8 = Curly, 400
B~H = For direct cut
system. See page 8
Stroke (mm)
Retracted Length
(mm)
Rear Attachment
(mm)
See page 7
Front Attachment
(mm)
See page 7
Direction of
Rear Attachment
(Counterclockwise)
See page 7
Functions for
Limit Switches
See page 8
1 = Aluminum casting, U clevis, width 6.2, depth 17.0,
hole 10
P = Threated end with M12, 25~30 deep
1 = Aluminum CNC, without slot, hole 10
P = Threated end with M12, 25~30 deep
1 = 0°
3 = 90°
1 = Two switches at full retracted / extended positions
to cut current
2 = Two switches at full retracted / extended positions to
cut current + third one in between to send signal
3 = Two switches at full retracted / extended positions
to send signal
4 = Two switches at full retracted / extended positions to
send signal + third one in between to send signal
5 = Two switches at full retracted / extended positions
to send signal (Operate with control box: TC1, TC8,
TC10, TC14; compatible with hall sensors)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com