Electronic Components Datasheet Search
  English  ▼

X  

TA49 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA49
Description  Max. load 6,000N (push), 2,000N (pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA49 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA49 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA49 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Product Segments
• Care Motion
TA49
series
Designed for medical applications with zero backlash in mind, the TA49 is
suitable for operating (surgical) table applications. It can lift up to 6000N
rated up to IP66W. Additionally, it’s an excellent option for treatment tables,
procedure chairs, and stretcher bed applications.
General Features
Max. load
6,000N (push), 2,000N (pull)
Max. speed at max. load
4.4mm/s
Max. speed at no load
14.7mm/s
Retracted length
≥ Stroke + 157mm
IP rating
IP66W
Stroke
25~450mm
Output Signals
Hall sensors
Voltage
24V DC; 24V DC (PTC)
Color
Grey
Operational temperature range
+5°C~+45°C
at full performance
A zero backlash design actuator


Similar Part No. - TA49

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA49105AV TRANSKO-TA49105AV Datasheet
780Kb / 4P
491.00 MHz IF SAW Filter / 5.85 MHz Bandwidth
Revision 0: 11. Jan. 2010
TA491AM TRANSKO-TA491AM Datasheet
450Kb / 4P
CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0: November 2006
TA491AP TRANSKO-TA491AP Datasheet
305Kb / 4P
CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0:
TA491BM1 TRANSKO-TA491BM1 Datasheet
438Kb / 4P
CDMA 450 F-Band, Balanced RF-Rx SAW Filter
Revision 0: December 2005
TA491CP TRANSKO-TA491CP Datasheet
358Kb / 4P
CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0: June 2008
More results

Similar Description - TA49

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com