Electronic Components Datasheet Search
  English  ▼

X  

TL11 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL11
Description  Max. load 800N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL11 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL11 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL11 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL11 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL11 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL11 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Segments
• Ergo Motion
TL11
series
TiMOTION’s TL11 series lifting columns are specifically designed for use in
ergonomic desks and work tables. Using multiple TL series lifting columns
with compatible TC series Control Boxes and TH/TDH series controls, work
surfaces can be controlled quietly and smoothly with synchronous movement.
All Ergo Motion TC series control boxes have a less than 0.1W standby power
option that reduces power consumption. Our wide range of columns offer
customers the solutions they require to satisfy their working environment
project requirements. The TL11 has a three stage telescopic outer tube that is
designed for a wide-top, narrow-bottom round appearance.
General Features
Max. load
800N (push)
Max. speed at max. load
33mm/s
Max. speed at no load
58mm/s
Retracted length
590 / 560(M) mm
Dimension of outer tube
3-stage, Ø70mm round, upside down
Stroke
650 / 660(M) mm


Similar Part No. - TL11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1100 E-SWITCH-TL1100 Datasheet
229Kb / 3P
TACT SWITCHES
TL1100 E-SWITCH-TL1100 Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
logo
Transko Electronics, In...
TL11001AS TRANSKO-TL11001AS Datasheet
566Kb / 4P
110.59 MHz IF SAW Filter / 1.41 MHz Bandwidth
Revision 0: 04 Nov. 2008
logo
E-SWITCH
TL1100AF160QGRY E-SWITCH-TL1100AF160QGRY Datasheet
229Kb / 3P
TACT SWITCHES
TL1100AF160QGRY E-SWITCH-TL1100AF160QGRY Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
More results

Similar Description - TL11

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com