Electronic Components Datasheet Search
  English  ▼

X  

TL11 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TL11
Description  Max. load 800N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL11 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TL11 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL11 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL11 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL11 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL11 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Standard Dimensions
(mm)
Drawing
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (5200RPM)
C
800
800
2.8
6.0
58.0
33.0
105
183
25
137.5
Note
1 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
2 The numbers above are based on the tested average, please refer to the approval drawing for the final value.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com