Electronic Components Datasheet Search
  English  ▼

X  

TL15 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # TL15
Description  Maximum load 800N in push
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL15 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  TL15 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL15 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL15 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL15 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL15 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
TL15 Ordering Key Appendix
Stroke & Retracted Length (mm)
1 = DIN 6P, 90° plug
Connector
Standard
Foot Assembly
Stroke/Retracted Length
Standard
Standard
500/645
With Shoes
500/665
E = Molex 8P, plug, standard
With shoes
Note
1 Only specific TEK could be with the shoes, please refer to TEK speccode
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.
Appearance of tubes
B = With wiper fixing holes at sides
C = Without wiper fixing holes at sides



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com