Electronic Components Datasheet Search
  English  ▼

X  

TL15 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL15
Description  Maximum load 800N in push
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL15 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL15 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL15 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL15 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL15 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL15 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TiMOTION’s TL series lifting columns are specifically designed for use in
ergonomic desks and work tables. Using multiple TL series lifting columns
with compatible TC series Control Boxes and TH/TDH series controls, work
surfaces can be controlled quietly and smoothly with synchronous movement.
All Ergo Motion TC series control boxes have a less than 0.1W standby power
option that reduces power consumption. Our wide range of columns offer
customers the solutions they require to satisfy their working environment
project requirements. The TL15 has a two stage telescopic outer tube that is
designed for a narrow-top, wide-bottom rectangular appearance.
General Features
Maximum load
800N in push
Maximum speed at full load
28mm/s (with 800N in a push condition)
Minimum installation dimension
645mm
Stroke
500mm
Dimension of outer tube (L*W)
80*60mm
Color
Black, white, grey, or special colors
Two stage outer tube with rectangular appearance
With narrow top and wide bottom configuration
Product Segments
• Ergo Motion
TL15
series


Similar Part No. - TL15

ManufacturerPart #DatasheetDescription
logo
Beha-Amprobe
TL1500 BEHA-AMPROBE-TL1500 Datasheet
818Kb / 4P
Heavy-Duty Digital Multimeter Rugged autoranging meter with true-rms
3/2007 Rev C
logo
Transko Electronics, In...
TL15311AS1 TRANSKO-TL15311AS1 Datasheet
621Kb / 4P
153.50 MHz IF SAW Filter / 11.20 MHz Bandwidth
Revision 0: 04 May 2011
TL15320AS1 TRANSKO-TL15320AS1 Datasheet
538Kb / 4P
153.60 MHz IF SAW Filter / 23.5 MHz Bandwidth
Revision 0: 06 May 2008
TL15337AV TRANSKO-TL15337AV Datasheet
456Kb / 11P
Transko Electronics, Inc
Revision 0: 19. Mar. 2010
logo
Texas Instruments
TL1551AC TI1-TL1551AC Datasheet
494Kb / 21P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL15

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com