Electronic Components Datasheet Search
  English  ▼

X  

TL6 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # TL6
Description  Max. load 700N (push)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL6 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  TL6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TL6 Ordering Key Appendix
Foot Assembly
Stroke & Retracted Length (mm)
Foot Assembly
Stroke & Retracted Length
Standard
M
S
Standard, for foot
(Excluding foot)
650 / 590
660 / 560
660 / 520
Extended Outer Tube for Shoe
(Excluding Shoe)
650 / 610
660 / 580
660 / 540
Note
1 Only specific TEK could be with the shoes, please refer to TEK speccode
Standard, for foot (excluding foot)
Extended outer tube for shoe
(excluding shoe)
Cable Length (mm)
Extension Cable Connector
Cable Length
1 = Molex 6 pin (plug) to Molex 8 pin (plug), 180°plug, standard
2 = Molex 6 pin (plug) to Din 6 pin (plug)
3 = Molex 6 pin (plug) to Molex 8 pin (plug), 90°plug, without anti-clip
Molex 6 pin, plug
Molex 8 pin, plug
Molex 6 pin, plug
Din 6 pin, plug
Molex 6 pin, plug
Molex 8 pin, plug



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com