Electronic Components Datasheet Search
  English  ▼

X  

TL6 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL6
Description  Max. load 700N (push)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL6 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
The TL6 has a three stage telescopic outer tube that is designed for a narrow-
top, wide-bottom round appearance, with an inline actuator (TA20) embedded.
Without a motor housing design, it is suitable for ergonomic furniture
applications. It is the perfect choice for design-oriented lifting furniture in need
of a neat structure and space optimization.
General Features
Max. load
700N (push)
Max. speed at max. load
35mm/s
Max. speed at no load
46mm/s
Retracted length
Standard: 590 / 560 (M) / 520 (S)mm
For shoes: 610 / 580 (M) / 540 (S)mm
Dimension of outer tube
Ø70mm, round
Stages
3-stage
Stroke
650 / 660 (M, S)mm
Output signals
Hall sensors
Voltage
24V DC
Operational temperature range
+5°C~+45°C
Inline column
Product Segments
• Ergo Motion
TL6
series


Similar Part No. - TL6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL6006 STMICROELECTRONICS-TL6006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
Texas Instruments
TL601 TI-TL601 Datasheet
307Kb / 6P
P MOS ANALOG SWITCHES
logo
Transko Electronics, In...
TL6011V TRANSKO-TL6011V Datasheet
572Kb / 4P
60.00 MHz IF SAW Filter / 12.0 MHz Bandwidth
Revision 1: 15 Nov. 2007
logo
Texas Instruments
TL601CP TI1-TL601CP Datasheet
125Kb / 9P
P-MOS ANALOG SWITCHES
TL601IP TI1-TL601IP Datasheet
125Kb / 9P
P-MOS ANALOG SWITCHES
More results

Similar Description - TL6

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA20 TIMOTION-TA20 Datasheet
616Kb / 6P
Max. load 700N (push)
20210408-G
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL13S TIMOTION-TL13S Datasheet
342Kb / 5P
Max. load 700N (push)
20230609-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL4S TIMOTION-TL4S Datasheet
414Kb / 5P
Max. load 700N (push)
20230609-E
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com