Electronic Components Datasheet Search
  English  ▼

X  

TL9K Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TL9K
Description  Max. load 600N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL9K Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TL9K Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL9K Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL9K Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL9K Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL9K Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TL9K Ordering Key
TL9K
Voltage
Appearance of
Motor House
C = TiMOTION standard
2 = 24V DC
0 = Without
5 = Left, triangle bracket
6 = Right, triangle bracket
7 = Front, triangle bracket
8 = Back, triangle bracket
Load and Speed
Stroke & Retracted
Length
See page 5
See page 2
Color
Wiper Color
Bottom Plate Type
Bottom Plate Height
1 = Black, RAL 9005
2 = White, RAL 9016
3 = Grey, RAL 9006
4 = Special grey, RAL 9022
1 = Black
2 = White
3 = Grey
4 = Matte black
1 = M10
2 = M6
1 = Standard
2 = Extended outer tube for shoe
Version: 20230714-G
Cable Length (mm)
Connector
See page 5
Bracket
See page 5
Output Signals
1 = Straight, 500
3 = Straight, 1000
4 = Straight, 1500
1 = DIN 6P, 90° plug
E = Molex 8P, 180° plug, standard
F = Molex 8P, 90° plug, without anti-clip, for TC22/TC23
2 = Hall sensor * 2
Note
1 The TL is designed especially for push applications, not suitable for pull applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com