Electronic Components Datasheet Search
  English  ▼

X  

TL9K Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL9K
Description  Max. load 600N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL9K Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL9K Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL9K Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL9K Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL9K Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL9K Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TiMOTION’s TL9K series is a high-value lifting column specifically designed
for ergonomic desks, work tables, and other height adjustable systems. Work
surfaces adapt quietly and smoothly with synchronous movement using
multiple TL series lifting columns with compatible TC series Control Boxes and
TH/TDH series controls. All Ergo Motion TC series control boxes have a less
than 0.1W standby power option that reduces power consumption. Our wide
range of columns offers solutions to satisfy customers’ working environment
project requirements. The TL9K has a 3-stage round outer tube, telescopes
with a narrow-top, and a wide-bottom appearance.
General Features
Max. load
600N (push)
Max. speed at max. load
32mm/s
Max. speed at no load
45mm/s
Retracted length
Standard (compatible with foot):
590 / 560(M)mm
Extended (compatible with shoe):
610 / 580(M)mm
Dimension of outer tube
Ø70mm round
Stages
3-stage
Stroke
650 / 660 (M) mm
Output signals
Hall sensors
Voltage
24V DC
Color
Black, white, grey, or special grey
With motor house
The TL9K can only be used in pairs; single column usage is not recommended
TL9K
series
Product Segments
• Ergo Motion


Similar Part No. - TL9K

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
logo
3M Electronics
TL90 3M-TL90 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
TL90 3M-TL90 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
Extech Instruments Corp...
TL900 EXTECH-TL900 Datasheet
310Kb / 1P
SafeSense CAT IV Fused Test Leads
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
More results

Similar Description - TL9K

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL14KR TIMOTION-TL14KR Datasheet
359Kb / 5P
Max. load 600N (push)
20230829-A
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
TL4K TIMOTION-TL4K Datasheet
415Kb / 5P
Max. load 600N (push)
20230714-F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com