Electronic Components Datasheet Search
  English  ▼

X  

VN3 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # VN3
Description  Max. load 3,000N (push/pull)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

VN3 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  VN3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
VN3 Ordering Key Appendix
1. Calculate A+B = Y
2. Retracted length needs to ≥ Stroke+Y
Retracted Length (mm)
A.
Front
Attach.
Rear Attach.
1, 2, 3
1, 2, 3
+248
B.
Stroke (mm)
Load (N)
20~150
-
151~200
-
201~250
+5
251~300
+10
301~350
+15
351~400
+20
401~450
+25
451~500
+30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com