Electronic Components Datasheet Search
  English  ▼

X  

VN3 Datasheet(PDF) 6 Page - TiMOTION Technology Co. Ltd.

Part # VN3
Description  Max. load 3,000N (push/pull)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

VN3 Datasheet(HTML) 6 Page - TiMOTION Technology Co. Ltd.

  VN3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
VN3 Ordering Key Appendix
1 = Aluminum, U clevis, slot 6.2,
depth 13, hole 6.2
2 = Aluminum, U clevis, slot 6.2,
depth 13, hole 8.2
3 = Aluminum, U clevis, slot 6.2,
depth 13, hole10.2
Rear Attachment (mm)
1 = Aluminum, U clevis, slot 6.2,
depth 17, hole 6.2
2 = Aluminum, U clevis, slot 6.2,
depth 17, hole 8.2
3 = Aluminum, U clevis, slot 6.2,
depth 17, hole10.2
Front Attachment (mm)
ø6.2
17
ø6.2
17
ø6.2
17
13
ø6.2
13
ø8.2
13
ø10.2
Wiring Definition
Signal Output
Pin / Color
Green
Red
White
Black
Yellow
Blue
0
Without
Extend+
-
-
-
Retract+
-
2
Hall sensor
Extend+
VCC (5V DC)
Hall 1
Com
Retract+
Hall 2
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.
Connector
1 = DIN 6P, 90° plug
2 = Tinned leads



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com