Electronic Components Datasheet Search
  English  ▼

X  

IRF5210LPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF5210LPBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5210LPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF5210LPBF Datasheet HTML 1Page - International Rectifier IRF5210LPBF Datasheet HTML 2Page - International Rectifier IRF5210LPBF Datasheet HTML 3Page - International Rectifier IRF5210LPBF Datasheet HTML 4Page - International Rectifier IRF5210LPBF Datasheet HTML 5Page - International Rectifier IRF5210LPBF Datasheet HTML 6Page - International Rectifier IRF5210LPBF Datasheet HTML 7Page - International Rectifier IRF5210LPBF Datasheet HTML 8Page - International Rectifier IRF5210LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF5210S/LPbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-SourceVoltage
Fig 5. Typical Capacitance vs.
Drain-to-SourceVoltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
-VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
25
50
75
100
125
150
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= -80V
VDS= -50V
VDS= -20V
ID= -23A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
1
10
100
1000
-VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com