Electronic Components Datasheet Search
  English  ▼

X  

IRF5210LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF5210LPBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5210LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF5210LPBF Datasheet HTML 1Page - International Rectifier IRF5210LPBF Datasheet HTML 2Page - International Rectifier IRF5210LPBF Datasheet HTML 3Page - International Rectifier IRF5210LPBF Datasheet HTML 4Page - International Rectifier IRF5210LPBF Datasheet HTML 5Page - International Rectifier IRF5210LPBF Datasheet HTML 6Page - International Rectifier IRF5210LPBF Datasheet HTML 7Page - International Rectifier IRF5210LPBF Datasheet HTML 8Page - International Rectifier IRF5210LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF5210SPbF
IRF5210LPbF
HEXFET® Power MOSFET
PD - 97049A
VDSS = -100V
RDS(on) = 60mΩ
ID = -38A
l Advanced Process Technology
l Ultra Low On-Resistance
l 150°C Operating Temperature
l Fast Switching
l Repetitive Avalanche Allowed up to Tjmax
l Some Parameters are Different from
IRF5210S/L
l P-Channel
l Lead-Free
05/22/06
S
D
G
www.irf.com
1
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
A
ID @ TC = 100°C Continuous Drain Current, VGS @ -10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Maximum Power Dissipation
W
PD @TC = 25°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
c
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
°C/W
RθJA
Junction-to-Ambient (PCB Mount, steady state)
g
–––
40
170
1.3
± 20
0.017
120
-23
300 (1.6mm from case )
-55 to + 150
-7.4
Max.
-38
-24
-140
3.1
D2Pak
IRF5210SPbF
TO-262
IRF5210LPbF
S
D
G
D
S
D
G
D
GD
S
Gate
Drain
Source
Description
Features of this design are a 150°C junction
operating temperature, fast switching speed and
improved repetitive avalanche rating . These fea-
tures combine to make this design an extremely
efficient and reliable device for use in a wide
variety of other applications.


Similar Part No. - IRF5210LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5210LPBF IRF-IRF5210LPBF Datasheet
316Kb / 10P
Advanced Process Technology
More results

Similar Description - IRF5210LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com