Electronic Components Datasheet Search
  English  ▼

X  

P83CL410 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P83CL410
Description  Low voltage 8-bit microcontrollers with I2C-bus
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL410 Datasheet(HTML) 4 Page - NXP Semiconductors

  P83CL410 Datasheet HTML 1Page - NXP Semiconductors P83CL410 Datasheet HTML 2Page - NXP Semiconductors P83CL410 Datasheet HTML 3Page - NXP Semiconductors P83CL410 Datasheet HTML 4Page - NXP Semiconductors P83CL410 Datasheet HTML 5Page - NXP Semiconductors P83CL410 Datasheet HTML 6Page - NXP Semiconductors P83CL410 Datasheet HTML 7Page - NXP Semiconductors P83CL410 Datasheet HTML 8Page - NXP Semiconductors P83CL410 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
1997 Apr 10
4
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
I2C-bus
P80CL410; P83CL410
4
ORDERING INFORMATION
Note
1. Refer to the Order Entry Form (OEF) for this device for the full type number, including options/program.
5
BLOCK DIAGRAM
TYPE NUMBER(1)
PACKAGE
ROMless
ROM
NAME
DESCRIPTION
VERSION
P80CL410HFP
P83CL410HFP
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
P80CL410HFT
P83CL410HFT
VSO40 plastic very small outline package; 40 leads
SOT158-1
−
P83CL410HFH
QFP44 plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
Fig.1 Block diagram.
(1) Pins shared with parallel port pins.
PROGRAMMABLE I/O
64 kbyte BUS
EXPANSION
CONTROL
OSCILLATOR
AND
TIMING
CPU
internal
interrupts
PROGRAM
MEMORY
(4K x 8 ROM)
DATA
MEMORY
(128 x 8 RAM)
I2C-BUS
SERIAL I/O
TWO 16-BIT
TIMER/EVENT
COUNTERS
XTAL2
XTAL1
frequency
reference
T0
T1
counter (1)
external interrupts (1)
control
parallel ports,
address/data bus
and I/O pins
SDA
SCL
MBK018
P80CL410
P83CL410
10
3
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com