Electronic Components Datasheet Search
  English  ▼

X  

P83CL410 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P83CL410
Description  Low voltage 8-bit microcontrollers with I2C-bus
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL410 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P83CL410 Datasheet HTML 18Page - NXP Semiconductors P83CL410 Datasheet HTML 19Page - NXP Semiconductors P83CL410 Datasheet HTML 20Page - NXP Semiconductors P83CL410 Datasheet HTML 21Page - NXP Semiconductors P83CL410 Datasheet HTML 22Page - NXP Semiconductors P83CL410 Datasheet HTML 23Page - NXP Semiconductors P83CL410 Datasheet HTML 24Page - NXP Semiconductors P83CL410 Datasheet HTML 25Page - NXP Semiconductors P83CL410 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
1997 Apr 10
22
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
I2C-bus
P80CL410; P83CL410
Table 11 MST/REC mode
Table 12 SLV/REC mode
Table 13 SLV/TRX mode
Table 14 Miscellaneous
S1STA VALUE
DESCRIPTION
08H
a START condition has been transmitted
10H
a repeated START condition has been transmitted
38H
arbitration lost while returning ACK
40H
SLA and R have been transmitted, ACK received
48H
SLA and R have been transmitted, ACK received
50H
DATA has been received, ACK returned
58H
DATA has been received, ACK returned
S1STA VALUE
DESCRIPTION
60H
own SLA and W have been received, ACK returned
68H
arbitration lost in SLA, R/W as MST. Own SLA and W have been received, ACK returned
70H
general CALL has been received, ACK returned
78H
arbitration lost in SLA, R/W as MST; general CALL has been received
80H
previously addressed with own SLA; DATA byte received, ACK returned
88H
previously addressed with own SLA; DATA byte received, ACK returned
90H
previously addressed with general CALL; DATA byte has been received, ACK has been returned
98H
previously addressed with general CALL; DATA byte has been received, ACK has been returned
A0H
a STOP condition or repeated START condition has been received while still addressed as SLV/REC
or SLV/TRX
S1STA VALUE
DESCRIPTION
A8H
own SLA and R have been received, ACK returned
B0H
arbitration lost in SLA, R/W as MST; own SLA and R have been received, ACK returned
B8H
DATA byte has been transmitted, ACK received
C0H
DATA byte has been transmitted, ACK received
C8H
last DATA byte has been transmitted (AA = 0), ACK received
S1STA VALUE
DESCRIPTION
00H
bus error during MST mode or selected SLV mode, due to an erroneous START or STOP condition
F8H
no relevant state information available, SI = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com