Electronic Components Datasheet Search
  English  ▼

X  

TC12AC Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TC12AC
Description  Max. output 24VDC, 10A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC12AC Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TC12AC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Battery Status
Installation Guide
1. Install the bracket on the
hoist frame
4. Install the battery
2. Install the TC12 on the
bracket
5. Installation is complete
3. Make sure all fasteners are
tightened properly



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com