Electronic Components Datasheet Search
  English  ▼

X  

TC12AC Datasheet(PDF) 6 Page - TiMOTION Technology Co. Ltd.

Part # TC12AC
Description  Max. output 24VDC, 10A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC12AC Datasheet(HTML) 6 Page - TiMOTION Technology Co. Ltd.

  TC12AC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
TC12AC Ordering Key
TC12AC
Version: 20210220-D
Voltage
U = SMPS, 100-240V AC
MCU
Color
IP Rating
AC Cable Length (mm)
Buzzer
AC Plug
1 = With
1 = Standard (Upper housing: light grey 1C; Lower Housing: cold grey 5C)
1 = Without
2 = IP54
0 = Without
1 = Straight, 1000
2 = Straight, 2000
3 = Straight, 3000
0 = Without
1 = With
1 = EU
2 = US
3 = AU
4 = UK
5 = JP
Battery Pack
See page 7
0 = Without
1 = 24V DC / 2.9Ah
2 = 24V DC / 5.0Ah
3 = 24V DC / 2.9Ah + LED power indicator
4 = 24V DC / 5.0Ah + LED power indicator
Number of Actuators
Control Panel
Angle of AC Plug
Digital Display
Grounding
AC Cable Manager
1 = 1
2 = 2
3 = 3
0 = Without button
2 = 2 buttons
3 = 2 buttons + LED power indicator
4 = 4 buttons
5 = 4 buttons + LED power indicator
1 = 90°
2 = 180°
1 = Black / white
2 = Color display
3 = Without display
0 = Without
0 = Without



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com