Electronic Components Datasheet Search
  English  ▼

X  

TC20 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TC20
Description  Max. output 24VDC, 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC20 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TC20 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC20 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC20 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TC20 Ordering Key
TC20
Version: 20191108-D
Numbers of Actuators
1 = 1
2 = 2
Input Voltage
MCU
AC Plug Angle
Color
4 = 100~240V AC
0 = Without
1 = With
2 = 180°
3 = Cover Cool Gray 1C, Base Cool Gray 5C
0 = Without
Number of Controls
Battery LED Indicator
AC Cable Length (mm)
Cable Organizer
IP Rating
1 = 1
0 = Without
1 = With
2 = With, for MCU #0
0 = Without
1 = Straight, 1000
2 = Straight, 2000
3 = Straight, 3000
0 = Without
1 = With
1 = Without
2 = IP54
3 = IP66
3 = 3 (Using TYC to extend M2 socket for M2 actuator and
M3 actuator)
Battery Capacity
AC Plug
Grounding
1 = 24V / 2.9Ah
2 = 24V / 5.0Ah
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.
1 = EU
2 = US
3 = AU
4 = UK
5 = JP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com