Electronic Components Datasheet Search
  English  ▼

X  

TC20 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC20
Description  Max. output 24VDC, 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC20 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC20 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC20 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC20 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Segments
• Care Motion
TC20
series
TC20 is an economical control box for a patient hoist system which meets
specific patient needs and to secure a safe and comfortable transfer. It’s
portable and easy to be installed for the caregivers in the nursing home
applications.
General Features
Number of motors
1~3
Max. output
24VDC, 10A
IP rating
IP66
Options
MCU, battery LED indicator, cable organizer
Input voltage
100~240V AC
Built-in battery pack: 24V, 2.9Ah/5Ah
Emergency stop button
Easy installation


Similar Part No. - TC20

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TC20-11EWA ETC-TC20-11EWA Datasheet
236Kb / 6P
50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC20-11EWA KINGBRIGHT-TC20-11EWA Datasheet
148Kb / 4P
50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TC20-11GWA ETC-TC20-11GWA Datasheet
236Kb / 6P
50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC20-11GWA KINGBRIGHT-TC20-11GWA Datasheet
201Kb / 4P
50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results

Similar Description - TC20

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OS8740230 PDI-OS8740230 Datasheet
271Kb / 5P
Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC
logo
Delta Electronics, Inc.
FL75L10A DELTA-FL75L10A Datasheet
275Kb / 7P
Delphi Series Filter Module 75Vdc max input, 10A max output current
logo
List of Unclassifed Man...
SFE-LEA ETC2-SFE-LEA Datasheet
403Kb / 8P
MAX OUTPUT WATTAGE
logo
TiMOTION Technology Co....
TC12 TIMOTION-TC12 Datasheet
1Mb / 8P
Max. output 24VDC, 10A
20230925-P
TC12AC TIMOTION-TC12AC Datasheet
1Mb / 7P
Max. output 24VDC, 10A
20210220-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com