Electronic Components Datasheet Search
  English  ▼

X  

TC22 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TC22
Description  Max. output 32V DC, 12A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC22 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TC22 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC22 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC22 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TC22 Ordering Key
TC22
Version: 20220420-E
Plug
1 = EU
2 = US
3 = AU
4 = UK
5 = JP
Transformer
N = SPM-150E (32V/5.5A + 5V/100mA, 0.1W standby power, quick start, 100-240V)
Color
1 = Black
AC Cable Length (mm)
Logo (Silkscreen)
Motor Extension Cable
Quantity
Hand Control Extension
Cable Length
Control Board
Motor Extension Cable
Spec
Hand Control Extension
Cable Spec
1 = Straight, 1500
2 = Straight, 2000
3 = Straight, 4000
1 = TiMOTION
0 = Without
1 = 1
2 = 2
3 = 3
4 = 4
0 = Without
1 = 1
2 = 2
2 = With MCU
3 = With MCU, Bluetooth enabled
4 = With MCU, with T-Touch
5 = With MCU, Bluetooth enabled, with T-Touch
0 = Without
1 = Ergo standard, 180° Molex 8P socket to 90° Molex 8P plug (without anti-clip) , 200mm
2 = 180° Din 6P socket (without anti-clip) to 90° Molex 8P plug (without anti-clip) , 200mm
0 = Without
1 = Ergo standard, 180° RJ10P flat socket to 90° RJ10P flat plug, 200mm
2 = 180° RJ10P socket (w/o anti-clip) to 90° RJ10P flat plug, 200mm
3 = 180° Din 8P socket (w/o anti-clip) to 90° RJ10P flat plug, 200mm
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com