Electronic Components Datasheet Search
  English  ▼

X  

TC22 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC22
Description  Max. output 32V DC, 12A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC22 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC22 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC22 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC22 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
With 4 motor-driving channels and 2 hand control interfaces, the TC22 is
suitable for a wide range of ergonomic height-adjustable table applications.
It incorporates all the appealing features, such as built-in t-touch sensor,
Bluetooth, external battery option, and 0.1W low standby power. The TC22’s
unique grooving system and slidable cover allow users to manage and conceal
all cables to optimize space while maintaining a tidy look.
General Features
Number of motors
1~4
Number of controls
1~2
Max. output
32V DC, 12A
Back-up battery
External battery
Options
Supports t-touch/bluetooth built-in and
charging accessory
Built-in transformer type
SMPS
Plug support
EU, US, AU, UK, or JP
Color
Black
Operational temperature range
+5°C~+45°C
0.1W standby power consumption
Compact design for height adjustable desks
Product Segments
• Ergo Motion
TC22
series


Similar Part No. - TC22

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC22 FUMAN-TC22 Datasheet
312Kb / 6P
Low power switching power supply controller
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
Toroid Chokes
TC220-100L-RC ALLIED-TC220-100L-RC Datasheet
1Mb / 1P
Toroid Chokes
TC220-101L-RC ALLIED-TC220-101L-RC Datasheet
1Mb / 1P
Toroid Chokes
TC220-102L-RC ALLIED-TC220-102L-RC Datasheet
1Mb / 1P
Toroid Chokes
More results

Similar Description - TC22

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
TC2B TIMOTION-TC2B Datasheet
312Kb / 3P
Max. output 32V DC, 6.25A
20231110-K
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com