Electronic Components Datasheet Search
  English  ▼

X  

TC2B Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TC2B
Description  Max. output 32V DC, 6.25A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC2B Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TC2B Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC2B Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC2B Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TC2B Ordering Key
TC2B
Version: 20231110-K
Plug
1 = EU
2 = US
3 = AU
4 = UK
5 = JP
Input voltage
Backup Battery
MCU
IP Rating
1 = 100V AC
2 = 120V AC
3 = 230V AC
4 = 100~240V AC (SMPS)
0 = Without
1 = Without battery, with a connection cable
2 = With 2*9V batteries
0 = Without
1 = With
0 = Without
R = RF (315 MHz) For NA
F = RF (433 MHz) For EU
H = IR
0 = Without
3 = On AC cable
1 = Without
2 = IP54
Number of Actuators
Transformer
Wireless Control
Grounding
1 = 1
2 = 2
3 = 3
4 = SMPS (SPM-58, 2A)
Color
Fixation
Cable Length (mm)
1 = Black
2 = Pantone 428C
1 = Straight, 2000
2 = Straight, 4000
1 = On actuator (accessories: fixing screws*1)
2 = On iron frame (accessories: mounting brackets & screws)
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com