Electronic Components Datasheet Search
  English  ▼

X  

TC2B Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC2B
Description  Max. output 32V DC, 6.25A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC2B Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC2B Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC2B Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC2B Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
General Features
Number of motors
1~3
Max. output
32V DC, 6.25A
Input Voltage
100, 120, 230V AC, or 100~240V AC
(SMPS)
Built-in transformer type
SMPS
Certificate
EMC
Plug support
EU, USA, AUS, UK, or JPN
Color
Black or grey
Over current protection
Product Segments
• Comfort Motion
TC2B
series


Similar Part No. - TC2B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC2 TRUMPOWER-TC2 Datasheet
23Kb / 1P
DC/DC CONVERTERS
logo
Mini-Circuits
TC2-112G2 MINI-TC2-112G2 Datasheet
247Kb / 1P
RF Transformer
TC2-112G2+ MINI-TC2-112G2+ Datasheet
247Kb / 1P
RF Transformer
TC2-1T MINI-TC2-1T Datasheet
326Kb / 1P
RF Transformer
TC2-1T+ MINI-TC2-1T+ Datasheet
326Kb / 1P
RF Transformer
More results

Similar Description - TC2B

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com