Electronic Components Datasheet Search
  English  ▼

X  

TP11 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TP11
Description  Input voltage 100~240V AC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TP11 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TP11 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TP11 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TP11 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TP11 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TP11 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TP11 Ordering Key
TP11
Version: 20220209-D
AC Input Connector
(mm)
0 = Without
W = Wall mount plug
1 = Straight cable, 1000
2 = Straight cable, 2000
3 = Straight cable, 3000
AC plug
0 = Without
1 = EU
2 = US
3 = AU
4 = UK
0 = Without
1 = 90°
2 = 180°
0 = Without
1 = Straight, 1000
4 = Straight, 300
1 = Black
DC Output Connector
(Socket)
Backup Battery Pack
IP rating
1 = Long DIN 5P
2 = Small 01P
0 = Without
2 = Two 9V battery connection ports, with two 9V batteries
3 = 3* 9V dry battery pack
4 = Two 9V battery connection ports, without battery
5 = Three 9V battery connection ports, without battery
7 = Li-ion battery pack
1 = Without
AC Plug / Cable Angle
DC Output Cable Length
(mm)
Color



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com