Electronic Components Datasheet Search
  English  ▼

X  

TP11 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TP11
Description  Input voltage 100~240V AC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TP11 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TP11 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TP11 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TP11 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TP11 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TP11 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Segments
• Comfort Motion
TP11
series
The TP11 is a unique power supply with an optional battery pack in addition
to the AC power source. The battery pack will recharge automatically when
connected to the AC power. The TP11 is equipped with a SMPS transformer
and provides optional universal plugs. Customers can easily change the AC
plugs when being used in different countries.
General Features
Transformer type
SMPS
Input voltage
100~240V AC
Max. output
29V DC, 5A
Plug support
EU, USA, AUS, UK
Color
Black
Options
Multiple wall mount plugs, backup battery
Operational temperature range
+5°C~+45°C


Similar Part No. - TP11

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP11-SH-A-B-E-1 CK-COMPONENTS-TP11-SH-A-B-E-1 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-A-B-E-1-2 CK-COMPONENTS-TP11-SH-A-B-E-1-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-A-B-E-2 CK-COMPONENTS-TP11-SH-A-B-E-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-A-B-E-2-2 CK-COMPONENTS-TP11-SH-A-B-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-1 CK-COMPONENTS-TP11-SH-AG-E-1 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
More results

Similar Description - TP11

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
AC Input 100-277Vac
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
Input voltage 100-240V AC
20231016-K
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
Input voltage 100~240V AC
20230919-J
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
Input voltage 100~240V AC
20170607-A
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
Input voltage 100~240V AC
20231219-E
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
Input voltage 100~240V AC
20211013-B
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
Input voltage 100~240V AC
20220209-F
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
Input voltage 100~240V AC
20200603-D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com