Electronic Components Datasheet Search
  English  ▼

X  

P83CL782HDP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P83CL782HDP
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL782HDP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P83CL782HDP Datasheet HTML 12Page - NXP Semiconductors P83CL782HDP Datasheet HTML 13Page - NXP Semiconductors P83CL782HDP Datasheet HTML 14Page - NXP Semiconductors P83CL782HDP Datasheet HTML 15Page - NXP Semiconductors P83CL782HDP Datasheet HTML 16Page - NXP Semiconductors P83CL782HDP Datasheet HTML 17Page - NXP Semiconductors P83CL782HDP Datasheet HTML 18Page - NXP Semiconductors P83CL782HDP Datasheet HTML 19Page - NXP Semiconductors P83CL782HDP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
1997 Mar 14
16
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
10 I/O FACILITIES
10.1
Ports
The P83CL78x has 32 I/O lines treated as 32 individually
addressable bits or as four parallel 8-bit ports. To enable a
port pin alternative function, the port bit latch in its SFR
must contain a logic 1. The alternative functions are
detailed below:
Port 0 Provides the multiplexed low-order address and
data bus for expanding the device with standard
memories and peripherals.
Port 1 Used for a number of special functions:
• Provides the inputs for the eight external
interrupts: INT2 to INT9
• External activation of Timer 2: T2
• The I2C-bus interface: SCL and SDA.
Port 2 Provides the high-order address when expanding
the device with external Program or Data memory.
Port 3 Pins can be configured individually to provide:
• External interrupt request inputs: INT1 and INT0
• Timer/counter inputs: T1 and T0
• Control signals to read and write to external
memories: RD and WR
• UART asynchronous input and output (RXD and
TXD); or UART synchronous I/O and clock lines
(data and clock).1
Each port consists of a latch (SFRs P0 to P3), an output
driver and input buffer. Ports 1, 2 and 3 have internal
pull-ups (except P1.6 and P1.7). Figure 9(a) shows that
the strong transistor ‘p1’ is turned on for only 2 oscillator
periods after a LOW-to-HIGH transition in the port latch.
When on, it turns on p3 (a weak pull-up) through the
inverter. This inverter and p3 form a latch which holds the
logic 1. In Port 0 the pull-up ‘p1’ is only on when emitting
logic 1s for external memory access. Writing a logic 1 to a
Port 1 bit latch leaves both output transistors switched off
so that the pin can be used as an high-impedance input.
10.2
Port options
30 of the 32 port pins (excluding P1.6 and P1.7 with option
2S only) may be individually configured with one of the
following options. These options are also shown in Fig.9.
Option 1 Standard Port; quasi-bidirectional I/O with
pull-up. The strong booster pull-up ‘p1’ is turned
on for two oscillator periods after a
LOW-to-HIGH transition in the port latch;
Fig.9(a).
Option 2 Open-drain; quasi-bidirectional I/O with
n-channel open-drain output. Use as an output
requires the connection of an external pull-up
resistor; Fig.9(b).
Option 3 Push-Pull; output with drive capability in both
polarities. Under this option, pins can only be
used as outputs; Fig.9(c).
10.3
Port 0 options
The definition of port options for Port 0 is slightly different.
Two cases are considered. First, access to external
memory (EA = 0 or access above the built-in memory
boundary) and second, I/O accesses.
10.3.1
EXTERNAL MEMORY ACCESSES
Option 1 True logic 0 and logic 1 are written as address to
the external memory (strong pull-up to be used).
Option 2 An external pull-up resistor is required for
external accesses.
Option 3 Not allowed for external memory accesses as
the port can only be used as output.
10.3.2
I/O ACCESSES
Option 1 When writing a logic 1 to the port latch, the
strong pull-up ‘p1’ will be on for 2 oscillator
periods. No weak pull-up exists. Without an
external pull-up, this option can be used as a
high-impedance input.
Option 2 Open-drain; quasi-directional I/O with n-channel
open-drain output. Use as an output requires the
connection of an external pull-up resistor. See
Fig.9(b).
Option 3 Push-Pull; output with drive capability in both
polarities. Under this option pins can only be
used as outputs. See Fig.9(c).
10.4
SET/RESET options
Individual mask selection of the post-reset state is
available with any of the above pins. The required
selection is made by appending ‘S’ or ‘R’ to Options 1, 2,
or 3 above.
Option R RESET, at reset this pin will be initialized LOW.
Option S SET, at reset this pin will be initialized HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com