Electronic Components Datasheet Search
  English  ▼

X  

P83CL782HDP Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P83CL782HDP
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL782HDP Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P83CL782HDP Datasheet HTML 27Page - NXP Semiconductors P83CL782HDP Datasheet HTML 28Page - NXP Semiconductors P83CL782HDP Datasheet HTML 29Page - NXP Semiconductors P83CL782HDP Datasheet HTML 30Page - NXP Semiconductors P83CL782HDP Datasheet HTML 31Page - NXP Semiconductors P83CL782HDP Datasheet HTML 32Page - NXP Semiconductors P83CL782HDP Datasheet HTML 33Page - NXP Semiconductors P83CL782HDP Datasheet HTML 34Page - NXP Semiconductors P83CL782HDP Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
1997 Mar 14
31
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
14.3
Baud rates
The baud rate in Mode 0 is fixed and may be calculated as:
The baud rate in Mode 2 depends on the value of the
SMOD bit in Special Function Register PCON and may be
calculated as:
• If SMOD = 0 (value on reset), the baud rate is 1⁄64 × fosc
• If SMOD = 1, the baud rate is 1⁄32 × fosc
The baud rates in Modes 1 and 3 are determined by the
Timer 1 or Timer 2 overflow rate.
14.3.1
USING TIMER 1 TO GENERATE BAUD RATES
When Timer 1 is used as the Baud Rate Generator, the
baud rates in Modes 1 and 3 are determined by the
Timer 1 overflow rate and the value of the SMOD bit as
follows:
Baud Rate
f
osc
12
--------
=
Baud Rate
2
SMOD
64
-----------------
f
osc
×
=
Baud Rate
2
SMOD
32
-----------------
Timer 1 Overflow Rate.
×
=
The Timer 1 interrupt should be disabled in this
application. The Timer itself can be configured for either
‘timer’ or ‘counter’ operation in any of its 3 running modes.
In most typical applications, it is configured for ‘timer’
operation, in the Auto-reload mode (high nibble of
TMOD = 0010B). In this case the baud rate is given by the
formula:
By configuring Timer 1 to run as a 16-bit timer (high nibble
of TMOD = 0001B), and using the Timer 1 interrupt to do
a 16-bit software reload, very low baud rates can be
achieved. Table 24 lists commonly used baud rates and
how they can be obtained from Timer 1.
Baud Rate
2
SMOD
32
-----------------
f
osc
12
256
TH1
–
()
×
{}
--------------------------------------------------------
×
=
Table 24 Commonly used baud rates generated by Timer 1
Notes
1. Maximum in Mode 0.
2. X = don’t care.
3. Maximum in Mode 2.
4. Maximum in Modes 1 and 3.
BAUD RATE (kb/s)
fosc (MHz)
SMOD
C/T
TIMER 1 MODE
RELOAD VALUE
1000.0(1)
12.000
X(2)
XX
X
375.0(3)
12.000
1
X
X
X
62.5(4)
12.000
1
0
Mode 2
FFH
19.2
11.059
1
0
Mode 2
FDH
9.6
11.059
0
0
Mode 2
FDH
4.8
11.059
0
0
Mode 2
FAH
2.4
11.059
0
0
Mode 2
F4H
1.2
11.059
0
0
Mode 2
E8H
137.5
11.986
0
0
Mode 2
1DH
110.0
6.000
0
0
Mode 2
72H
110.0
12.000
0
0
Mode 1
FEEBH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com