Electronic Components Datasheet Search
  English  ▼

X  

P87C552 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P87C552
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C552 Datasheet(HTML) 2 Page - NXP Semiconductors

  P87C552 Datasheet HTML 1Page - NXP Semiconductors P87C552 Datasheet HTML 2Page - NXP Semiconductors P87C552 Datasheet HTML 3Page - NXP Semiconductors P87C552 Datasheet HTML 4Page - NXP Semiconductors P87C552 Datasheet HTML 5Page - NXP Semiconductors P87C552 Datasheet HTML 6Page - NXP Semiconductors P87C552 Datasheet HTML 7Page - NXP Semiconductors P87C552 Datasheet HTML 8Page - NXP Semiconductors P87C552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Philips Semiconductors
Preliminary specification
P87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, low voltage (2.7V–5.5V), low power
2
1999 Mar 30
DESCRIPTION
The 87C552 Single-Chip 8-Bit Microcontroller is manufactured in an
advanced CMOS process and is a derivative of the 80C51
microcontroller family. The 87C552 has the same instruction set as
the 80C51.
The 87C552 contains a 8k
× 8 non-volatile EPROM, a 256 × 8
read/write data memory, five 8-bit I/O ports, one 8-bit input port, two
16-bit timer/event counters (identical to the timers of the 80C51), an
additional 16-bit timer coupled to capture and compare latches, a
15-source, four-priority-level, nested interrupt structure, an 8-input
ADC, a dual DAC pulse width modulated interface, two serial
interfaces (UART and I2C-bus), a “watchdog” timer and on-chip
oscillator and timing circuits. For systems that require extra
capability, the 8xC552 can be expanded using standard TTL
compatible memories and logic.
In addition, the 8xC552 has two software selectable modes of power
reduction—idle mode and power-down mode. The idle mode freezes
the CPU while allowing the RAM, timers, serial ports, and interrupt
system to continue functioning. Optionally, the ADC can be operated
in Idle mode. The power-down mode saves the RAM contents but
freezes the oscillator, causing all other chip functions to be
inoperative.
The device also functions as an arithmetic processor having
facilities for both binary and BCD arithmetic plus bit-handling
capabilities. The instruction set consists of over 100 instructions:
49 one-byte, 45 two-byte, and 17 three-byte. With a 16MHz crystal,
58% of the instructions are executed in 0.75
µs and 40% in 1.5µs.
Multiply and divide instructions require 3
µs.
FEATURES
80C51 central processing unit
8k × 8 EPROM expandable externally to 64k bytes
An additional 16-bit timer/counter coupled to four capture registers
and three compare registers
Two standard 16-bit timer/counters
256 × 8 RAM, expandable externally to 64k bytes
Capable of producing eight synchronized, timed outputs
A 10-bit ADC with eight multiplexed analog inputs
Fast 8-bit ADC option
Two 8-bit resolution, pulse width modulation outputs
Five 8-bit I/O ports plus one 8-bit input port shared with analog
inputs
I2C-bus serial I/O port with byte oriented master and slave
functions
On-chip watchdog timer
Extended temperature ranges
Full static operation – 0 to 16 MHz
Operating voltage range: 2.7V to 5.5V (0 to 16MHz)
Security bits:
– OTP/EPROM – 3 bits
Encryption array – 64 bytes
4 level priority interrupt
15 interrupt sources
Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
Power control modes
– Clock can be stopped and resumed
– Idle mode
– Power down mode
Second DPTR register
ALE inhibit for EMI reduction
Programmable I/O pins
Wake-up from power-down by external interrupts
Software reset
Power-on detect reset
ADC charge pump disable
ONCE mode
ADC active in Idle mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com