Electronic Components Datasheet Search
  English  ▼

X  

P87C552 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P87C552
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C552 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P87C552 Datasheet HTML 18Page - NXP Semiconductors P87C552 Datasheet HTML 19Page - NXP Semiconductors P87C552 Datasheet HTML 20Page - NXP Semiconductors P87C552 Datasheet HTML 21Page - NXP Semiconductors P87C552 Datasheet HTML 22Page - NXP Semiconductors P87C552 Datasheet HTML 23Page - NXP Semiconductors P87C552 Datasheet HTML 24Page - NXP Semiconductors P87C552 Datasheet HTML 25Page - NXP Semiconductors P87C552 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
Philips Semiconductors
Preliminary specification
P87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, low voltage (2.7V–5.5V), low power
1999 Mar 30
22
PWM0
fOSC
8-BIT COMPARATOR
8-BIT COUNTER
8-BIT COMPARATOR
PWM1
PRESCALER
1/2
OUTPUT
BUFFER
PWMP
OUTPUT
BUFFER
PWM0
PWM1
SU00956
Figure 18. Functional Diagram of Pulse Width Modulated Outputs
INTERNAL BUS
10-BIT A/D CONVERTER
ANALOG INPUT
MULTIPLEXER
0
1234567
01
234567
+
STADC
ANALOG REF.
ANALOG SUPPLY
ANALOG GROUND
ADC0
ADC1
ADC2
ADC3
ADC4
ADC5
ADC6
ADC7
ADCON
ADCH
SU00957
Figure 19. Functional Diagram of Analog Input Circuitry
10-Bit Analog-to-Digital Conversion: Figure 20 shows the
elements of a successive approximation (SA) ADC. The ADC
contains a DAC which converts the contents of a successive
approximation register to a voltage (VDAC) which is compared to
the analog input voltage (Vin). The output of the comparator is fed to
the successive approximation control logic which controls the
successive approximation register. A conversion is initiated by
setting ADCS in the ADCON register. ADCS can be set by software
only or by either hardware or software.
The software only start mode is selected when control bit ADCON.5
(ADEX) = 0. A conversion is then started by setting control bit
ADCON.3 (ADCS). The hardware or software start mode is selected
when ADCON.5 = 1, and a conversion may be started by setting
ADCON.3 as above or by applying a rising edge to external pin
STADC. When a conversion is started by applying a rising edge, a
low level must be applied to STADC for at least one machine cycle
followed by a high level for at least one machine cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com