Electronic Components Datasheet Search
  English  ▼

X  

XC9510 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9510
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9510 Datasheet HTML 5Page - Torex Semiconductor XC9510 Datasheet HTML 6Page - Torex Semiconductor XC9510 Datasheet HTML 7Page - Torex Semiconductor XC9510 Datasheet HTML 8Page - Torex Semiconductor XC9510 Datasheet HTML 9Page - Torex Semiconductor XC9510 Datasheet HTML 10Page - Torex Semiconductor XC9510 Datasheet HTML 11Page - Torex Semiconductor XC9510 Datasheet HTML 12Page - Torex Semiconductor XC9510 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1359
XC9510
Series
Circuit 7
Current Limit 2 (VR), Short Circuit Current (VR)
Circuit 8
Detect Voltage, Release Voltage (Hysteresis Range)
* For the measurement of the VDD_Sense products, the
input voltage was controlled.
Circuit 9
VD Output Current
Circuit 10
Latch Time
Circuit 11
Off-Leak
Circuit 12
Ripple Rejection Rate
■
TEST CIRCUITS (Continued)
CIN : 1uF (ceramic)
V
CE : VSS
A
VD_SENSE*
(DCOUT or VROUT)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CIN:
1uF
V
CE/MODE : VSS
200k
Ω
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
VD_SENSE*
(DCOUT or VROUT)
V
CIN : 4.7uF
(ceramic)
V
CL : 10uF
(ceramic)
V
L
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
Fosc
300kHz
600kHz
1.2MHz
L
22uH(CDRH6D38,
SUMIDA)
10uH(CDRH5D28,
SUMIDA)
4.7uH(CDRH4D28C,
SUMIDA)
1
Ω
V
IROUT
V
1
2
3
4
8
7
6
5
VDD
CE/
MODE
VDOUT
AGND
LX
DCOUT
VROUT
PGND
CIN : 4.7uF
(ceramic)
CE/MODE : VIN
or VIN-1.2V
or GND
CL:4.7uF(ceramic,
IROUT<300mA)
10uF(ceramic,
IROUT>300mA)
~
V
CE/MODE : VSS
A
CIN : 1.0uF
(ceramic)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
A
A
* For the measurement of the VDD_Sense products, the
input voltage was controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com