Electronic Components Datasheet Search
  English  ▼

X  

XC9510 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9510
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9510 Datasheet HTML 1Page - Torex Semiconductor XC9510 Datasheet HTML 2Page - Torex Semiconductor XC9510 Datasheet HTML 3Page - Torex Semiconductor XC9510 Datasheet HTML 4Page - Torex Semiconductor XC9510 Datasheet HTML 5Page - Torex Semiconductor XC9510 Datasheet HTML 6Page - Torex Semiconductor XC9510 Datasheet HTML 7Page - Torex Semiconductor XC9510 Datasheet HTML 8Page - Torex Semiconductor XC9510 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1354
XC9510 Series
MARK
④
⑤
DC/DC
VR
VD
1
3
3.3V
1.8V
4.0V
XC9510*13*S*
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
3
300kHz
XC9510***3A*
6
600kHz
XC9510***6A*
C
1.2MHz
XC9510***CA*
MARK
PRODUCTION YEAR
3
2003
4
2004
■
BLOCK DIAGRAM
⑧⑨
Represents production lot number
0 to 9,A to Z reverse character 0 to 9, A to Z repeated (G,I,J,O,Q,W excepted)
Note: No character inversion used
* Diodes shown in the above circuit are protective diodes.
④⑤
Represents detect voltage DC/DC,VR and VD
ex)
⑦
Represents last digit of production year.
ex)
⑥
Represents oscillation frequency.
■
MARKING RULE (Continued)
PRODUCT SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com