Electronic Components Datasheet Search
  English  ▼

X  

XC6213 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6213
Description  High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6213 Datasheet HTML 1Page - Torex Semiconductor XC6213 Datasheet HTML 2Page - Torex Semiconductor XC6213 Datasheet HTML 3Page - Torex Semiconductor XC6213 Datasheet HTML 4Page - Torex Semiconductor XC6213 Datasheet HTML 5Page - Torex Semiconductor XC6213 Datasheet HTML 6Page - Torex Semiconductor XC6213 Datasheet HTML 7Page - Torex Semiconductor XC6213 Datasheet HTML 8Page - Torex Semiconductor XC6213 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2/27
XC6213 Series
PIN NUMBER
SOT-25
SSOT-24
USP-4
PIN NAME
FUNCTION
3
1
3
CE
On / Off Switch
2
2
2
VSS
Ground
5
3
1
VOUT
Output
1
4
4
VIN
Power Supply
4
-
-
NC
No Connection
MARK
DESCRIPTION
SYMBOL
DESCRIPTION
①
Type of Regulator
B
: High Active with no pull-down resistor (standard)
②③
Output Voltage
12~50
: Output Voltage:
ex.) 3.0V→ ② =3, ③= 0
2
: 100mV increments, ±2% accuracy ex.) 2.80V → ②=2, ③= 8, ④= 2
④
Output Voltage
Accuracy
A
: 50mV increments, ±2% accuracy ex.) 2.85V → ②=2, ③= 8, ④= A
M
: SOT-25 (SOT-23-5)
N
: SSOT-24
⑤
Package
G
: USP-4
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
SOT-25 (SOT-23-5)
(TOP VIEW)
SSOT-24
(TOP VIEW)
USP-4
(BOTTOM VIEW)
3
CE
4 VIN
VSS 2
VOUT 1
■
PRODUCT CLASSIFICATION
●
Ordering Information
VOUT
NC
123
4
5
VIN
VSS
CE
VOUT
1
2
4
3
VIN
VSS
CE
XC6213①②③④⑤⑥
*The dissipation pad for the USP-4
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com