Electronic Components Datasheet Search
  English  ▼

X  

XC6213 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6213
Description  High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6213 Datasheet HTML 1Page - Torex Semiconductor XC6213 Datasheet HTML 2Page - Torex Semiconductor XC6213 Datasheet HTML 3Page - Torex Semiconductor XC6213 Datasheet HTML 4Page - Torex Semiconductor XC6213 Datasheet HTML 5Page - Torex Semiconductor XC6213 Datasheet HTML 6Page - Torex Semiconductor XC6213 Datasheet HTML 7Page - Torex Semiconductor XC6213 Datasheet HTML 8Page - Torex Semiconductor XC6213 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4/27
XC6213 Series
MARK
VOLTAGE (V)
PRODUCT SERIES
3
3.X
XC6213B3xxNx
5
5.X
XC6213B5xxNx
MARK
VOLTAGE
(V)
PRODUCT SERIES
MARK
VOLTAGE
(V)
PRODUCT
SERIES
0
X.0
XC6213Bx0xNx
A
X.05
XC6213Bx0ANx
1
X.1
XC6213Bx1xNx
B
X.15
XC6213Bx1ANx
2
X.2
XC6213Bx2xNx
C
X.25
XC6213Bx2ANx
3
X.3
XC6213Bx3xNx
D
X.35
XC6213Bx3ANx
4
X.4
XC6213Bx4xNx
E
X.45
XC6213Bx4ANx
5
X.5
XC6213Bx5xNx
F
X.55
XC6213Bx5ANx
6
X.6
XC6213Bx6xNx
H
X.65
XC6213Bx6ANx
7
X.7
XC6213Bx7xNx
K
X.75
XC6213Bx7ANx
8
X.8
XC6213Bx8xNx
L
X.85
XC6213Bx8ANx
9
X.9
XC6213Bx9xNx
M
X.95
XC6213Bx9ANx
MARK
PRODUCT SERIES
C
XC6213xxxxxx
MARK
VOLTAGE
=0.1~3.0V
VOLTAGE
=3.1~6.0V
VOLTAGE
=0.15~3.05V
VOLTAGE
=3.15~6.05V
PRODUCT SERIES
X
B
F
M
XC6213xxxxxx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
-
3.1
-
3.15
F
1.6
4.6
1.65
4.65
1
-
3.2
-
3.25
H
1.7
4.7
1.75
4.75
2
-
3.3
-
3.35
K
1.8
4.8
1.85
4.85
3
-
3.4
-
3.45
L
1.9
4.9
1.95
4.95
4
-
3.5
-
3.55
M
2.0
5.0
2.05
-
5
-
3.6
-
3.65
N
2.1
-
2.15
-
6
-
3.7
-
3.75
P
2.2
-
2.25
-
7
-
3.8
-
3.85
R
2.3
-
2.35
-
8
-
3.9
-
3.95
S
2.4
-
2.45
-
9
-
4.0
-
4.05
T
2.5
-
2.55
-
A
-
4.1
-
4.15
U
2.6
-
2.65
-
B
1.2
4.2
1.25
4.25
V
2.7
-
2.75
-
C
1.3
4.3
1.35
4.35
X
2.8
-
2.85
-
D
1.4
4.4
1.45
4.45
Y
2.9
-
2.95
-
E
1.5
4.5
1.55
4.55
Z
3.0
-
3.05
-
■
MARKING RULE
①
Represents product series
②③
Represents type of regulator
④
Represents production lot number
0 to 9, to Z reverse character 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
③
Represents output voltage
①
Represents integer of output voltage
②
Represents decimal point of output voltage
④
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted). Note: No character inversion used.
USP-4
(TOP VIEW)
①
②
③ ④
12
3
54
SOT-25
(TOP VIEW)
●
SOT-25 & USP-4
●
SSOT-24
①
②
④
12
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com