Electronic Components Datasheet Search
  English  ▼

X  

P89C738 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89C738
Description  8-bit Flash microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C738 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89C738 Datasheet HTML 9Page - NXP Semiconductors P89C738 Datasheet HTML 10Page - NXP Semiconductors P89C738 Datasheet HTML 11Page - NXP Semiconductors P89C738 Datasheet HTML 12Page - NXP Semiconductors P89C738 Datasheet HTML 13Page - NXP Semiconductors P89C738 Datasheet HTML 14Page - NXP Semiconductors P89C738 Datasheet HTML 15Page - NXP Semiconductors P89C738 Datasheet HTML 16Page - NXP Semiconductors P89C738 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Notes
1. To avoid a ‘latch-up’ effect at power-on, the voltage on any pin (at any time) must not be higher than VDD + 0.5 V or lower than VSS − 0.5 V
respectively.
2. To prohibit the toggling of the ALE/WE pin (RFI noise reduction) the bit RFI in the PCON register (PCON.5) must be set by software. This bit is
cleared on reset and can be cleared by software. When set, ALE/WE pin will be pulled down internally, switching an external address latch to a
quiet state. The MOVX instruction will still toggle ALE/WE as a normal MOVX. ALE/WE will retain its normal HIGH value during Idle mode and a
LOW value during Power-down mode while in the ‘RFI’ mode. Additionally during internal access (EA = 1) ALE/WE will toggle normally when the
address exceeds the internal program memory size. During external access (EA = 0) ALE/WE will always toggle normally, whether the flag ‘RFI’ is
set or not.
3. n.a. = not applicable.
P4.0 to P4.7
20, 24,
26, 44,
46, 50, 53
and 57
12, 16,
18, 34,
36, 40, 43
and 47
n.a.(3)
n.a.
n.a.
Port 4: P4.0 to P4.7; 8-bit quasi-bidirectional I/O port with internal
pull-ups. Port 4 can sink/source 4 LSTTL inputs. It can drive CMOS
inputs without external pull-ups.
P5.0 to P5.7
60, 62,
63, 7, 8,
10, 13
and 16
50, 52,
53, 63,
64, 2, 5
and 8
n.a.
n.a.
n.a.
Port 5: P5.0 to P5.7; 8-bit quasi-bidirectional I/O port with internal
pull-ups. Port 5 can sink/source 4 LSTTL inputs. It can drive CMOS
inputs without external pull-ups.
n.c.
1, 4, 18,
31, 32,
33, 35,
36, 37, 38
52 and 66
23, 24,
25, 27,
28, 42
and 58
6, 17, 28
and 39
1, 12, 23
and 34
n.a.
Not connected.
SYMBOL
PIN(1)
DESCRIPTION
PLCC68
QFP64
PLCC44
QFP44
DIP40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com