Electronic Components Datasheet Search
  English  ▼

X  

P89C738 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P89C738
Description  8-bit Flash microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C738 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P89C738 Datasheet HTML 14Page - NXP Semiconductors P89C738 Datasheet HTML 15Page - NXP Semiconductors P89C738 Datasheet HTML 16Page - NXP Semiconductors P89C738 Datasheet HTML 17Page - NXP Semiconductors P89C738 Datasheet HTML 18Page - NXP Semiconductors P89C738 Datasheet HTML 19Page - NXP Semiconductors P89C738 Datasheet HTML 20Page - NXP Semiconductors P89C738 Datasheet HTML 21Page - NXP Semiconductors P89C738 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
1998 Apr 07
18
Philips Semiconductors
Product specification
8-bit Flash microcontrollers
P89C738; P89C739
9.1
Interrupt Enable Register (IE)
Table 5
Interrupt Enable Register (SFR address A8H)
Table 6
Description of IE bits
9.2
Interrupt Priority Register (IP)
Table 7
Interrupt Priority Register (SFR address B8H)
Table 8
Description of IP bits
76543210
EA
−
ET2
ES
ET1
EX1
ET0
EX0
BIT
SYMBOL
DESCRIPTION
7EA
General enable/disable control. If EA = 0, no interrupt is enabled. If EA = 1, any
individually enabled interrupt will be accepted.
6
−
reserved
5
ET2
enable Timer 2 interrupt
4
ES
enable Serial Port interrupt
3
ET1
enable Timer 1 interrupt
2
EX1
enable external interrupt 1
1
ET0
enable Timer 0 interrupt
0
EX0
enable external interrupt 0
76543210
−−
PT2
PS
PT1
PX1
PT0
PX0
BIT
SYMBOL
DESCRIPTION
7
−
reserved
6
−
reserved
5
PT2
Timer 2 interrupt priority level
4
PS
Serial Port interrupt priority level
3
PT1
Timer 1 interrupt priority level
2
PX1
external interrupt 1 priority level
1
PT0
Timer 0 interrupt priority level
0
PX0
external interrupt 0 priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com