Electronic Components Datasheet Search
  English  ▼

X  

DL2000 Datasheet(PDF) 1 Page - Vaisala

Part # DL2000
Description  DL2000 Temperature and RH Data Logger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

DL2000 Datasheet(HTML) 1 Page - Vaisala

  DL2000 Datasheet HTML 1Page - Vaisala DL2000 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL2000 Temperature and RH Data
Logger
Features
• Industry-leading temperature and
relative humidity measurement
precision
• High accuracy, adjustable
timebased digital recording
• Printed reports for any time period
• 10-year battery
• Ability to perform validation and
continuous monitoring with
the same model
• Traceable to SI units through
national metrology institutes
• Superior alternative to chart
recorders and hard-wired systems
• Integrated high-accuracy
RH sensor
Vaisala's 2000 series of data loggers are designed to provide high accuracy
measurements for temperature, relative humidity and an analog sensor of your choice.
The 2000 logger combines internal
temperature and RH sensors with
optional external channels for either
current or voltage inputs for recording
parameters such as differential pressure,
CO2, level, particles, or conductivity. The
2000 logger can also include a Boolean
channel for door switches or alarm
contacts. The 2000 logger includes
calibrations traceable to SI units through
national metrology institutes.1)
Ideal for use in standalone or networked
applications, the 2000 data logger
connects directly to a PC with USB, or
installs to an existing network via
Ethernet, Power over Ethernet, or WiFi.
Each data logger contains a 10-year
battery and onboard memory for
recording at the point of measurement.
With autonomous power and recording
capacity, data is immune to network and
power interruptions.
The DL2000 data loggers can be used
with Vaisala software, either viewLinc or
vLog, to download, display, and analyze
environmental data. The viewLinc
monitoring system provides 24/7
multi
‑stage alarm notification, remote,
real-time monitoring and gap-free data.
The vLog software is a simple solution
for validation/ mapping applications.
The measurement results are traceable
to the international system of units (SI)
through national metrology institutes
(NIST USA, MIKES Finland, or equivalent)
or ISO/IEC 17025 accredited calibration
laboratories.
All reports are customizable and can be
exported to spreadsheets and PDF to
provide records that meet the
requirements of 21 CFR Part 11 and
Annex 11.
1)
The measurement results are traceable to the international system of units (SI) through national metrology institutes (NIST USA, MIKES Finland, or equivalent) or
ISO/IEC 17025 accredited calibration laboratories.


Similar Part No. - DL2000

ManufacturerPart #DatasheetDescription
logo
Danisense A/S
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DL2000ID-CB100 DANISENSE-DL2000ID-CB100 Datasheet
1,000Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-03-15
DL2000ID-CD100 DANISENSE-DL2000ID-CD100 Datasheet
1,016Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-25
DL2000UB-10V DANISENSE-DL2000UB-10V Datasheet
1,017Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 2000A
2022-11-24
DL2000UB-1V DANISENSE-DL2000UB-1V Datasheet
1,012Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
More results

Similar Description - DL2000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
NXP Semiconductors
NHS3100 NXP-NHS3100 Datasheet
1Mb / 41P
Temperature logger
Rev. 4-5 September 2016
logo
TT Electronics.
DS6001 TTELEC-DS6001 Datasheet
335Kb / 2P
Single Channel ?쏝utton??Temperature Data Logger
DS6002 TTELEC-DS6002 Datasheet
312Kb / 2P
In-Transit Temperature Data Logger
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
Pico Technology Ltd.
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
logo
Vaisala
DL1000-1400 VAISALA-DL1000-1400 Datasheet
981Kb / 4P
DL1000-1400 Temperature Data Logger
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
logo
E+E Elektronik Ges.m.b....
HUMLOG20 EPLUSE-HUMLOG20 Datasheet
1Mb / 5P
Data Logger for Humidity, Temperature, Air Pressure and CO2
v2.7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com