Electronic Components Datasheet Search
  English  ▼

X  

DL2000 Datasheet(PDF) 2 Page - Vaisala

Part # DL2000
Description  DL2000 Temperature and RH Data Logger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

DL2000 Datasheet(HTML) 2 Page - Vaisala

  DL2000 Datasheet HTML 1Page - Vaisala DL2000 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
General
Size
85 × 59 × 26 mm (3.4 × 2.3 × 1 in)
Weight
76 g (2.7 oz.)
Interfaces
RS-232 serial, USB, WiFi, Ethernet and
Power over Ethernet (vNet)
Mounting
3M Dual Lock™ fasteners
Power source
Internal 10-year lithium battery
(Battery life specified at +23 °C with
sample interval of 1 min or longer)
Internal clock
Accuracy ±1 min/month at
-25 °C ... +70 °C (-13 ... +158 °F)
Electromagnetic compatibility
FCC Part 15 and CE
EN 50581:2012
EN 55032:2012/AC:2013 Class B
EN 61326-1:2013
RoHS compliance
2011/65/EU
PC Software
Monitoring, alarming and reporting
viewLinc
Validation/mapping GxP environments vLog VL for validated
vLog SP for non validated
Adding loggers to an existing OPC-
compatible monitoring system
OPC Server
Channel Configuration and Recording Span
Channel Types
Model
CH 1
CH 2
CH 3
CH 4
2000-20R
T
RH
2000-3CR
T
RH
4 ... 20 mA
2000-35R
T
RH
0 ... 5 VDC
2000-3AR
T
RH
0 ... 10 VDC
2000-4BR
T
RH
Boolean
Boolean
Number of Channels Enabled1)
Sample
Interval
1
2
3
4
10 seconds
14.1 days
7.1 days
4.7 days
3.5 days
1 minute
2.8 months
1.4 months
23.8 days
21.2 days
5 minutes
1.2 years
7.1 months
4.7 months
3.5 months
15 minutes
3.5 years
1.7 years
1.2 years
10.6 months
1 hour
13.9 years
7.0 years
4.6 years
3.5 years
1)
Temperature channel must be enabled when the RH channel is enabled.
Memory
Sample capacity
122 197 12-bit samples
Memory type
Non-volatile EEPROM
Memory modes
User-selectable wrap (FIFO) or stop
when memory is full. User-selectable
start and stop times.
Sampling rates
User-selectable from once every 10
seconds to once a day.
Internal Sensors
Internal Temperature Sensor
Calibrated measurement range1)
-25 ... +70 °C (-13 ... +158 °F)
Operating range
-35 ... +85 °C (-31 ... +185 °F)
Initial accuracy2)
± 0.10 °C over +20 °C ... +30 °C (± 0.18 °F over +68 °F ... +86 °F)
± 0.20 °C over -25 °C ... +70 °C (± 0.36 °F over -13 °F ... +158 °F)
One Year Accuracy3)
± 0.15 °C over +20 °C ... +30 °C (± 0.27 °F over +68 °F ... +86 °F)
± 0.25 °C over -25 °C ... +70 °C (± 0.45 °F over -13 °F ... +158 °F)
Resolution
0.02 °C at +25 °C (0.04 °F at +77 °F)
Internal RH Sensor
Calibrated measurement range1)
45 %RH at +10 °C (+50 °F)
10 ... 80 %RH at +25 °C (+77 °F)
45 %RH at +45 °C (+113 °F)
Operating range
0 ... 100 %RH (non-condensing)
Initial accuracy2)
± 1 %RH over 10 ... 80 %RH at
+20 ... +30 °C (+68 ... +86 °F)
± 1.5 %RH over 80 ... 90 %RH at
+20 ... +30 °C (+68 ... +86 °F)
± 2 %RH over 10 ... 90 %RH at
-20 ... +70 °C (-4 ... +158 °F)
One year accuracy3)
± 2 %RH over 10 ... 90 %RH at
+20 ... +30 °C (+68 ... +86 °F)
± 3 %RH over 10 ... 90 %RH at
-20 ... +70 °C (-4 ... +158 °F)
Resolution
0.05 %RH
1)
Custom calibration points available upon request including full ICH coverage.
2) Initial accuracy includes all known influence quantities present at the time of calibration including
calibration uncertainty, mathematical fit, data logger resolution, hysteresis and reproducibility.
3) One Year Accuracy includes all known influence quantities present during the operation of a data
logger over the course of one year including Initial Accuracy and Long Term Drift. Not included is any
drift related to atypical contamination or misuse.
Current Loop and Voltage Inputs
Input Type
Current Loop
Analog Voltage
Available ranges
0 ... 22 mA
0 ... 5 VDC, 0 ... 10 VDC
Resolution
5.5 μA
0.025 % F.S.
Accuracy
±0.15 % F.S. at +25 °C
(+77 °F)
±0.15 % F.S. at +25 °C
(+77 °F)
Input impedances
75 Ω1)
>1 MΩ
Isolation
One common per logger
One common per
logger
Overload
protection
40 mA max. (reverse-
polarity protected)
±24 VDC max. (reverse-
polarity protected)
1)
Termination resistance plus approximately 0.4 volt drop through a protection diode.
Published by Vaisala | B211055EN-E © Vaisala 2017
All rights reserved. Any logos and/or product names are trademarks of
Vaisala or its individual partners. Any reproduction, transfer, distribution
or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to
change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com