Electronic Components Datasheet Search
  English  ▼

X  

DM70 Datasheet(PDF) 1 Page - Vaisala

Part # DM70
Description  DM70 Handheld Dew Point Meter For spot-checking applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

DM70 Datasheet(HTML) 1 Page - Vaisala

  DM70 Datasheet HTML 1Page - Vaisala DM70 Datasheet HTML 2Page - Vaisala DM70 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DM70 Handheld Dew Point Meter
For spot-checking applications
Features
• Designed for industrial spot-
checking and field calibration
• Three models: accurate
measurement ranges from
−60 to +60 °C (−76 ... +140 °F)
• Vaisala DRYCAPâ sensor with
unique autocalibration function
• Sensor withstands condensation
• Data can be logged and
transferred to a PC via MI70 Link
software
• Traceable calibration (certificate
included)
• Fast response, enhanced by
sensor purge option
• Variety of sampling cell options
for connection to pressurized
processes
Vaisala DRYCAPâ Handheld Dew Point Meter DM70 offers accurate and fast
measurement for industrial dew point applications, such as compressed air, metal
treatment, and plastics drying.
Benefits
• Compact, small and light
• Intuitive user interface
• Low maintenance need due to
superior long-term stability
• Sensor withstands condensation
and fully recovers from getting
wet
DM70 measures dew point temperature
accurately over a wide measurement
range. The probe may be inserted
directly into pressurized processes, and it
responds rapidly from ambient to
process conditions. The DM70 meter is
suitable for direct process dew point
measurement in a wide temperature and
pressure range. For more demanding
applications, DM70 can be used with
Vaisala sampling cells or with Vaisala
DRYCAPâ Sampling System DSS70A.
Vaisala DRYCAPâ technology
DM70 is fitted with the Vaisala DRYCAPâ
sensor. The sensor provides reliable,
stable and high-performance dew point
measurement. Autocalibration detects
on-line possible measurement
inaccuracies and automatically corrects
dry-end drift in the calibration curve.
Three probes to choose from
Three probe models, all with
autocalibration, are available. The
DMP74A and DMP74B models are both
general purpose probes. The DMP74C
model is specifically developed for SF6
gas. The B and C probe models have an
additional sensor purge feature that
heats and dries the sensor, making the
response from ambient to dry conditions
exceptionally fast.
Intuitive user interface
DM70 has a versatile and easy-to-use,
menu-based user interface, a clear
graphical LCD display, and datalogging
capability. It can also be used as a tool
for reading the output of fixed Vaisala
dew point transmitters, such as DMT242,
DMT132, DMT143, DMT152, and DMT340.
DM70 displays one to three parameters
at a time, either numerically or
graphically. Several humidity units can be
selected. In addition, DM70 includes
conversion from gas pressure dew point
to ambient pressure dew point. An
analog output is also available.
MI70 Link Windowsâ software
The optional Vaisala MI70 Link Windowsâ
software and the USB connection cable
form a practical tool for transferring
logged data and real time measurement
data from DM70 to a PC.


Similar Part No. - DM70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM7093 ETC1-DM7093 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
DM7094 ETC1-DM7094 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
More results

Similar Description - DM70

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LASERCHECK ROITHNER-LASERCHECK Datasheet
122Kb / 2P
Handheld Laser Power Meter
logo
Keysight Technologies
U1701B KEYSIGHT-U1701B Datasheet
200Kb / 6P
U1701B Handheld Capacitance Meter
logo
FOTEK CONTROLS CO., LTD...
DPM-1 FOTEK-DPM-1 Datasheet
1Mb / 6P
DEW POINT BUMIDITY METER
logo
PLASTIC PROCESS EQUIPME...
8072A PPE-8072A Datasheet
1Mb / 20P
Portable Dew Point Monitor
February 2017
logo
Vaisala
DMP8 VAISALA-DMP8 Datasheet
544Kb / 3P
DMP8 Dew Point and Temperature Probe
DMT143 VAISALA-DMT143 Datasheet
273Kb / 3P
DMT143 Dew Point Transmitter For OEM applications
DMT143L VAISALA-DMT143L Datasheet
211Kb / 2P
DMT143 Dew Point Transmitter For OEM applications
DMT152 VAISALA-DMT152 Datasheet
200Kb / 2P
DMT152 Dew Point Transmitter
DPT146 VAISALA-DPT146 Datasheet
326Kb / 2P
DPT146 Dew Point and Pressure Transmitter
logo
E+E Elektronik Ges.m.b....
EE371 EPLUSE-EE371 Datasheet
1Mb / 9P
Compact Dew Point Sensor
06-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com