Electronic Components Datasheet Search
  English  ▼

X  

DM70 Datasheet(PDF) 2 Page - Vaisala

Part # DM70
Description  DM70 Handheld Dew Point Meter For spot-checking applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

DM70 Datasheet(HTML) 2 Page - Vaisala

  DM70 Datasheet HTML 1Page - Vaisala DM70 Datasheet HTML 2Page - Vaisala DM70 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
DMP74A measurement performance
Dew point
Measurement range (typical)
−50 … +60 °C (−58 … +140 °F)
Dew point accuracy vs. measurement conditions
10
30
30
10
20
40
0
-10
-20
50
60
50
Temperature of measured gas (°C)
-10
0
-30
-40
-50
-60
60
70
-70
-80
40
20
Accuracy
< ±2 °C
Td
Water
vapor
satura
tion lin
e
Accuracy
< ±1 °C
Td
Dew point measurement
range lower
limit
Accuracy
not specified
Accuracy (A probe) −40 … +60 °C
±2 °C (±3.6 °F)
(see graph)
Response time
Flow rate 0.2 m/s, 1 bar pressure,
+20 °C (+68 °F)
63 % [90 %]
0 → −40 °C Td (32 → −40 °F Td)
20 s [120 s]
−40 → 0 °C Td (−40 → 32 °F Td)
10 s [20 s]
Dew point sensor
Vaisala DRYCAPâ 180S
Temperature
Measurement range
−10 … +60 °C (+14 … +140 °F)
Accuracy at +20 °C (+68 °F)
±0.2 °C (±0.36 °F)
Typical temperature dependence
of electronics
±0.005 °C/°C (±0.005 °F/°F)
Temperature sensor
Pt100 RTD Class F0.1 IEC 60751
Other variables available
Dew point converted to atmospheric pressure, ppm volume and ppm weight
concentration, absolute humidity, mixing ratio, relative humidity
Operating environment, all probe models
Operating temperature
−10 … +60 °C (+14 … +140 °F)
Operating pressure for DMP74A,
DMP74B
0 … 20 bara (0 … 290 psia)
Operating pressure for DMP74C
0 … 10 bara (0 … 150 psia)
Sample flow rate
No effect on measurement accuracy
Measured gases
Non-corrosive gases
EMC compliance
EN 61326-1, Basic environment
Mechanical specifications, all probe models
Probe material (wetted parts)
Stainless steel (AISI 316L)
Sensor protection
Sintered filter (AISI 316L)
Mechanical connection
G1/2” ISO228-1 thread
with bonded seal ring (U-seal)
IP rating
IP65 (NEMA 4)
Weight
350 g (12 oz)
DMP74B and DMP74C (for SF6 gas)
measurement performance
Dew point
Measurement range (typical)
−70 … +30 °C (−94 … +86 °F)
Dew point accuracy vs. measurement conditions
10
30
30
10
20
40
0
-10
-20
50
60
50
Temperature of measured gas (°C)
-10
0
-30
-40
-50
-60
60
70
-70
-80
40
20
range high limit
Dew point
measurement
Accuracy
< ±2 °C
Td
Dew point measurement range
lower limit
Accuracy
not specified
Accuracy
not specified
Dashed line:
For DMP74C the ±2 °C accuracy range is limited to −50 °C Td when used in SF6
gas.
Accuracy (B and C probe)
−60 … +20 °C (−76 … +68 °F)
±2 °C (±3.6 °F)
(see graph)
Response time
Flow rate 0.2 m/s, 1 bar pressure,
+20 °C (+68 °F)
63 % [90 %]
0 → −60 °C Td (32 → −76 °F Td)
50 s [340 s]
−60 → 0 °C Td (−76 → 32 °F Td)
10 s [20 s]
Dew point sensor
Vaisala DRYCAPâ 180M
Temperature
Measurement range
−10 … +60 °C (+14 … +140 °F)
Accuracy at +20 °C (+68 °F)
(−76 … +68 °F)
±0.2 °C (±0.36 °F)
Typical temperature dependence
of electronics
±0.005 °C/°C (±0.005 °F/°F)
Temperature sensor
Pt100 RTD Class F0.1 IEC 60751
Other variables available
Dew point converted to atmospheric pressure, ppm volume and ppm weight
concentration



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com