Electronic Components Datasheet Search
  English  ▼

X  

MHT410 Datasheet(PDF) 1 Page - Vaisala

Part # MHT410
Description  MHT410 Moisture, Hydrogen and Temperature Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

MHT410 Datasheet(HTML) 1 Page - Vaisala

  MHT410 Datasheet HTML 1Page - Vaisala MHT410 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MHT410 Moisture, Hydrogen and
Temperature Transmitter
For online transformer condition monitoring
Features and benefits
• Measures moisture and hydrogen
directly in transformer oil
• Compatible with mineral oil,
natural ester oil, synthetic ester
oil, and silicone oil
• Easy to install
• Provides early warning on
potential transformer faults
• Unique probe design allows for
direct measurement in oil
• 5-year standard warranty
• Robust design providing reliable
operation and no false alarms
• Maintenance-free operation
• No cross-sensitivity to other
gases
• Indigo520 compatible, with easy
access to measurement data
Vaisala MHT410 Moisture, Hydrogen and Temperature Transmitter provides reliable
online monitoring of insulating oil in power transformers.
Real-time measurement
Vaisala Moisture, Hydrogen and
Temperature Transmitter MHT410
provides an accurate real-time
measurement result for critical
parameters measured in oil, enabling
reliable conclusions on the transformer's
condition. With its unique probe design,
MHT410 delivers accurate measurement
and trend data about the health of the
transformer in real time.
Enabling proactive
maintenance decisions
All of the transmitter's measured
parameters are available through digital
and analog outputs, providing
information on transformer fault
situations and enabling timely, proactive
maintenance decisions to minimize
expensive service shutdowns and
outages.
MHT410 is also compatible with the
Vaisala Indigo500 series transmitters.
With its local graphical display,
Indigo520 is a great addition to MHT410.
It helps you to identify data trends at the
site, as well as power the MHT410 with a
single-wire solution.
Robust and maintenance-free
operation
MHT410 is designed for ease of use in
demanding environments. It has
undergone extensive testing to ensure it
withstands wide temperature changes,
vibration, and harsh outdoor conditions.
The transmitter has no consumables or
moving parts that could break, and is
encased in an IP66-rated metal housing
equipped with a weather shield.
Every unit is individually tested for a
pressure of at least 10 bar and also
withstands vacuum conditions. Special
attention has been given to EMC
tolerance: for example, all electrical
connections are isolated. MHT410 can
also tolerate short-term power outages.
1.5” NPT
334
132
94.5
202
38.5
51
25.5
76.5
74
150
125
mm


Similar Part No. - MHT410

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1000HR5 NXP-MHT1000HR5 Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1001H NXP-MHT1001H Datasheet
551Kb / 10P
RF Power LDMOS Transistor
Rev. 0, 5/2014
MHT1001HR5 NXP-MHT1001HR5 Datasheet
551Kb / 10P
RF Power LDMOS Transistor
Rev. 0, 5/2014
More results

Similar Description - MHT410

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-69 FUJI-EDS5-69 Datasheet
415Kb / 6P
FCX-A SERIES PRESSURE TRANSMITTER HYDROGEN-PROOF TYPE
EDS6-93 FUJI-EDS6-93 Datasheet
450Kb / 6P
FCX-A SERIES DIFFERENTIAL PRESSURE TRANSMITTER HYDROGEN-PROOF TYPE
EDS6-94 FUJI-EDS6-94 Datasheet
407Kb / 6P
FCX-A SERIES FLOW TRANSMITTER HYDROGEN-PROOF TYPE
logo
Amphenol Corporation
AAS-920-438A AMPHENOL-AAS-920-438A Datasheet
265Kb / 2P
Intergrated moisture and temperature measurement
logo
Figaro Engineering Inc.
TGS6812-D00 FIGARO-TGS6812-D00 Datasheet
230Kb / 2P
Hydrogen, Methane, and LP Gas
logo
Vaisala
HMT310 VAISALA-HMT310 Datasheet
585Kb / 3P
Humidity and Temperature Transmitter
MM70 VAISALA-MM70 Datasheet
1Mb / 3P
MM70 Handheld Moisture and Temperature Meter
MMT162 VAISALA-MMT162 Datasheet
230Kb / 2P
MMT162 Moisture and Temperature Transmitter for Oil
MMT310 VAISALA-MMT310 Datasheet
1Mb / 3P
MMT310 Series Moisture and Temperature Transmitters for Oil
MMT330 VAISALA-MMT330 Datasheet
3Mb / 5P
MMT330 Series Moisture and Temperature Transmitters for Oil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com