Electronic Components Datasheet Search
  English  ▼

X  

MHT410 Datasheet(PDF) 2 Page - Vaisala

Part # MHT410
Description  MHT410 Moisture, Hydrogen and Temperature Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

MHT410 Datasheet(HTML) 2 Page - Vaisala

  MHT410 Datasheet HTML 1Page - Vaisala MHT410 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Measurement performance
Hydrogen
Measurement range (in oil)
0–5000 ppmv
Accuracy 1) 2)
±10 % of reading or ±15 ppmv
(whichever is greater)
Repeatability
±10 % of reading or ±15 ppmv
(whichever is greater)
Minimum detection limit
15 ppmv
Typical long-term stability
3 % of reading / year
Cross sensitivity to other gases
< 2 % (CO2, C2H2, C2H4, CO)
Response time
63 % of full response: 2 h (when
sensor is not in reference cycle)
Warm-up time
2 h, 12 h for full specification
Sensor
Catalytic palladium-nickel alloy film
solid-state sensor
Moisture in oil
Measurement range (in oil)
0–100 %RS / aw 0–1
Response time (90 % of full response at
+20 °C (+68 °F) in still oil)
10 min
Sensor
HUMICAPâ 180L2
Accuracy (including non-linearity, hysteresis, and repeatability):
0–90 %RS
±2 %RS (aw ± 0.02)
90–100 %RS
±3 %RS (aw ± 0.03)
Temperature
Measurement range
−40 … +120 °C (−40 … +248 °F)
Accuracy at +20 °C (+68 °F)
±0.2 °C (0.36 °F)
Sensor
Pt1000 RTD Class F0.1 IEC 60751
1)
The H2 accuracy specified is the accuracy during calibration against gas in oil standard. Field
performance may be affected, for example, by variation in hydrogen solubility (partition coefficients)
between different mineral oils.
2) The H2 accuracy specified is applicable in the oil temperature specified (−20 … +75 °C (−4 … +167 °F)).
Inputs and outputs
Operating voltage
15–30 V DC, 24 V AC (±15 %) (power
supply input is galvanically isolated) 1)
Power consumption
Typical 4 W, maximum 12 W
Analog output (current) 1)
Channels
3 isolated 4–20 mA (loop-powering)
External load
Max. 500 Ω
Error status indication in case of device
error
3.5 mA default, user-configurable for
each channel
mA output accuracy at +20 °C (+68 F)
±0.125 % full scale
Temperature dependence of the analog
outputs
±0.006 % / °C full scale
Digital outputs 1)
Interfaces
Isolated RS-485 half-duplex
RS-485 (Service Port, non-isolated)
Protocols
Modbusâ RTU, DNP3, serial ASCII
Screw terminals
Wire size AWG 22-14
Single wire (solid) 1.5 mm2
Stranded wire (flex.) 1.0 mm2
Recommended wire torque 0.4 Nm
1)
Max. isolation voltage 1.5 kV DC.
Mechanical specifications
Mechanical connection on transmitter
1.5" NPT (male)
Cable gland (optional, for use with
Indigo520)
M20×1.5 for cable diameter 5 … 9 mm
(0.20–0.35 in)
Cable gland (optional)
M20×1.5 for cable diameter 8 … 11 mm
(0.31–0.43 in)
Cable gland (optional)
M20×1.5 for cable diameter
11 … 14.5 mm (0.43–0.57 in)
Conduit fitting (optional)
1/2" NPT
Interface cable (optional, pre-
assembled)
5 m (16 ft 5 in), 9.2 mm (0.36 in) outer
diameter
Interface cable (optional)
10 m (33 ft), 9.2 mm (0.36 in) outer
diameter
Interface cable (optional, for use with
Indigo520)
10 m (33 ft), 6.2 mm (0.24 in) outer
diameter
Housing material
AlSi 10 Mg
Transmitter weight without cables
4.1 kg (9.04 lb)
Self-diagnostics indication
Status LEDs, analog output, Modbus
Integrated data logging capabilities
Non-volatile memory, up to 44 years'
storage with default logging
Individual functional test reports
Calibration test reports for moisture,
hydrogen, and temperature; probe
leak test report (5 bara nominal)
Factory warranty
5 years
Operating environment
Oil type
Mineral oil / Natural ester oil /
Synthetic ester oil / Silicone oil
Operating temperature of probe head
−40 … +120 °C (−40 … +248 °F)
Operating temperature of enclosure
−40 … +60 °C (−40 … +140 °F)
Storage temperature
−40 … +60 °C (−40 … +140 °F)
Operating humidity
0–100 %RH, condensing
Pressure tolerance (probe, short-term) Max. 10 bara
Pressure tolerance (probe, continuous) Max. 4 bara
Integrated protection for short power
outages
> 3 s
IP rating
IP66
Compliance
EU directives and regulations
EMC, RoHS
Electromagnetic compatibility (EMC)
EN 61326‑1, industrial environment
CISPR 32 / EN 55032, Class B (when
DC powered)
Environmental
ISO 6270-1:2017, constant humidity
condensation atmosphere, C5-M
ISO 9227:2017, salt fog, C5-M
ISO 12994-6, Paints and varnishes —
Corrosion protection of steel
structures by protective paint
systems, part 6, C5
Compliance marks
CE, EAC, RCM, UKCA
Published by Vaisala | B211484EN-J © Vaisala 2023
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com