Electronic Components Datasheet Search
  English  ▼

X  

MM70 Datasheet(PDF) 1 Page - Vaisala

Part # MM70
Description  MM70 Handheld Moisture and Temperature Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

MM70 Datasheet(HTML) 1 Page - Vaisala

  MM70 Datasheet HTML 1Page - Vaisala MM70 Datasheet HTML 2Page - Vaisala MM70 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM70 Handheld Moisture and
Temperature Meter
for Spot-Checking in Oil
Features
• Measurement independent of oil
type, age and temperature
• In-line process checking through
ball valve, no need to drain the oil
• Rugged and reliable construction
• Excellent pressure and
temperature tolerance
• Data can be logged and
transferred to a PC
• Proven Vaisala HUMICAPâ Sensor:
over 15 years in oil applications
• Compatible with Vaisala’s fixed oil
moisture instruments
• No reference oil needed for
recalibration
• Traceable calibration (certificate
included)
Vaisala HUMICAPâ Handheld Moisture Meter for Oil MM70 enables reliable detection
of moisture in oil. The probe can be inserted directly into the process pipe through a
ball valve without draining the oil in the system.
MM70 measures moisture in oil in terms
of the water activity (aw) and
temperature (T). Water activity directly
indicates whether there is a risk of free
water formation. The measurement is
independent of oil type, age and
temperature.
PPM Calculation Included
MM70 has an embedded model for
expressing moisture as ppm in mineral
transformer oil. The customer can enter
up to three other oil models into the
meter’s memory.
Numerical and Graphical
Display
MM70 features a multilingual, menu-
based user interface and a backlit LCD
display. The measurement parameters
can be numerically and graphically
displayed and logged into the meter's
memory at the same time. An analog
output option is also available.
Vaisala HUMICAPâ Technology
MM70 incorporates the latest generation
of the Vaisala HUMICAPâ Sensor,
developed for demanding moisture
measurements in liquid hydrocarbons.
The sensor’s excellent chemical tolerance
provides accurate and reliable
measurement over the measurement
range.
Speedy Service - Once a Year
The meter can be recalibrated by
sending the probe to Vaisala Service, or
customers can calibrate the instrument
themselves using a standard relative
humidity calibration.
Multi-Probe Operation
One or two probes can be connected
simultaneously. Maintenance teams can
use additional Vaisala dew point or
relative humidity probes for other tasks.
For example, a dew point probe is ideal
for checking the moisture inside washed
and dried oil tanks.
Connection to PC
The optional MI70 Link Windowsâ
software in combination with a USB
connection cable is used to transfer
logged data and real time measurement
data from the MM70 to a PC.


Similar Part No. - MM70

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM70 JAE-MM70 Datasheet
464Kb / 5P
MXM3.0 Compatible Connector
MM70-314-310B1-1 JAE-MM70-314-310B1-1 Datasheet
244Kb / 1P
TOP SIDE CONTACT - COPPER ALLOY
MM70-314-310B1-1 JAE-MM70-314-310B1-1 Datasheet
464Kb / 5P
MXM3.0 Compatible Connector
MM70-314-310B1-2 JAE-MM70-314-310B1-2 Datasheet
244Kb / 1P
TOP SIDE CONTACT - COPPER ALLOY
MM70-314-310B1-2 JAE-MM70-314-310B1-2 Datasheet
464Kb / 5P
MXM3.0 Compatible Connector
More results

Similar Description - MM70

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO210 EXTECH-MO210 Datasheet
96Kb / 4P
Moisture Meter
MO220 EXTECH-MO220 Datasheet
189Kb / 15P
Moisture Meter
MO250 EXTECH-MO250 Datasheet
107Kb / 6P
Moisture Meter
MO750 EXTECH-MO750 Datasheet
62Kb / 4P
Soil Moisture Meter
MO100 EXTECH-MO100_15 Datasheet
175Kb / 1P
Moisture Meter
MO220 EXTECH-MO220_15 Datasheet
217Kb / 1P
Wood Moisture Meter
MO230 EXTECH-MO230 Datasheet
190Kb / 1P
Pocket Moisture Meter
MO280 EXTECH-MO280_15 Datasheet
142Kb / 1P
Pinless Moisture Meter
logo
Vaisala
HM40 VAISALA-HM40 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
HM70 VAISALA-HM70 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com